データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PCT-RSA-160

  • AI
    The **PCT-RSA-160** is a specific type of **Single-Port Power Inserter** and **Return Path Step Attenuator** primarily used in Cable Television (CATV) and broadband networks. It is designed to manage signal levels and provide power to active components like drop amplifiers. --- ### Core Electronic Specifications The device operates as a passive component that bridges the gap between power supplies and coaxial signal lines. Below are the key electronic parameters: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 5 MHz to 1002 MHz (Standard CATV Spectrum) | | **Insertion Loss** | < 1.0 dB (Minimal signal degradation) | | **Return Path Attenuation** | 6 dB or 10 dB (Depending on specific sub-model configuration) | | **Current Capacity** | Up to 1.0 Amp (Maximum power handling) | | **Voltage Rating** | Typically 15V - 18V DC | | **Impedance** | 75 Ohms (Standard for Coaxial) | --- ### Key Electronic Components and Features #### 1. Power Inserter Circuitry The device contains internal **inductive-capacitive (LC) filters**. * **Inductors (Chokes):** These allow DC power to flow toward the amplifier while blocking high-frequency RF signals from entering the power adapter. * **Capacitors:** These act as DC blocks, preventing the DC voltage from traveling back into the television or cable modem, which could damage sensitive consumer electronics. #### 2. Return Path Step Attenuator The "RSA" in the model name stands for **Return Step Attenuator**. * In many cable systems, the "upstream" signal (from the home to the ISP) is too strong, causing noise or ingress issues. * The PCT-RSA-160 includes internal resistive pads that specifically target the **5-42 MHz or 5-65 MHz range** to stabilize the return path without affecting the downstream (download) signal significantly. #### 3. Surge Protection The internal PCB (Printed Circuit Board) is usually equipped with **6kV surge protection**. This is achieved through: * **Varistors or Gas Discharge Tubes:** Components that shunt excess voltage from lightning strikes or power surges to the ground. #### 4. Physical Construction * **F-Connectors:** Gold-plated or nickel-plated brass for high conductivity and corrosion resistance. * **Housing:** Die-cast aluminum or zinc alloy to provide **RFI (Radio Frequency Interference) shielding** of >100dB, ensuring external signals (like LTE or 5G) do not leak into the cable line. --- ### Typical Application Diagram In a home network, the PCT-RSA-160 is wired as follows: 1. **DC Input:** Connects to a wall transformer (Power Supply). 2. **RF/DC Output:** Connects to the "Power In" port of a drop amplifier. 3. **RF Input:** Connects to the incoming cable line or the customer premise equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a power inserter and a standard signal splitter?
    • ⤷ How does 6dB return path attenuation improve cable modem stability?
    • ⤷ Can the PCT-RSA-160 be used with satellite TV systems operating above 1000 MHz?