データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PD30ETDR10BPM5IO

  • AI
    The **PD30ETDR10BPM5IO** is a high-performance photoelectric sensor manufactured by **Carlo Gavazzi**. It belongs to the PD30 series, specifically designed for industrial automation where space is limited and advanced communication is required. --- ### ## Technical Specifications Overview This sensor is a **Diffuse-reflective** sensor with **Background Suppression**, meaning it detects objects by reflecting light off them while ignoring objects in the background. | Feature | Specification | | :--- | :--- | | **Sensing Distance** | 10 mm to 1,000 mm (Adjustable) | | **Light Source** | Infrared LED (850 nm) | | **Output Type** | Push-Pull (PNP/NPN) + IO-Link | | **Operating Voltage** | 10 to 30 VDC | | **Housing Material** | PBT (Polybutylene terephthalate) | | **Connection** | M8 Plug, 4-pin | | **Protection Rating** | IP67, IP68, IP69K (Washdown resistant) | | **Switching Frequency** | Up to 1000 Hz | --- ### ### Core Electronic Components & Functionality #### 1. IO-Link Communication (Version 1.1) The "IO" suffix indicates that this device is IO-Link capable. This is the most significant electronic feature, allowing for: * **Remote Configuration:** Sensitivity, timers, and output modes can be changed via software. * **Diagnostics:** The sensor can report internal temperature, operating hours, and signal quality. * **Dual Mode:** It can operate as a standard SIO (Standard I/O) sensor or in digital communication mode. #### 2. Push-Pull Output Stage The electronics feature a **Push-Pull** output circuit. Unlike traditional sensors that are strictly PNP or NPN, a Push-Pull output can act as both. This reduces the number of spare parts needed in a factory, as it is compatible with any PLC input logic. #### 3. Background Suppression (BGS) The internal electronics utilize a **Position Sensitive Device (PSD)** or a specialized photodiode array. It calculates the angle of the returning light rather than just the intensity. This allows the sensor to detect a dark object in front of a bright background with high precision. #### 4. Integrated Protection Circuits The internal PCB includes several protective measures to ensure longevity in harsh environments: * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Short Circuit Protection:** Protects the output stage from overcurrent. * **Transient Protection:** Shields the electronics from voltage spikes on the power line. --- ### ### Wiring Diagram Representation The M8 4-pin connector follows standard industrial color coding: ```text Pin 1 (Brown): +VDC (10-30V) Pin 2 (White): Digital Input / Output 2 Pin 3 (Blue): GND (0V) Pin 4 (Black): Digital Output 1 / IO-Link Communication ``` --- ### ### Application Use Cases * **Packaging Industry:** Detecting boxes on a conveyor while ignoring the metal side rails. * **Food & Beverage:** High-pressure washdown environments (IP69K rating). * **Conveyor Systems:** Counting items where the color of the object varies (Black, White, or Transparent).
    ✨ Follow-up Questions
    • ⤷ How do I configure the sensing range using the IO-Link interface?
    • ⤷ What is the difference between this model and the laser version of the PD30 series?
    • ⤷ Can this sensor be used in applications with high-pressure steam cleaning?