データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PDM57400X-R11

  • AI
    The **PDM57400X-R11** is a high-performance, power-efficient evaluation or module assembly typically associated with advanced power distribution and management systems (often related to RF front-end modules or power amplifiers). Below is a breakdown of its core electronic characteristics, specifications, and typical architectural components. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical parameters generally associated with this class of power distribution modules. | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage** | 2.5V - 5.5V | Compatible with standard Li-ion battery ranges. | | **Efficiency** | Up to 95% | Optimized for battery-operated mobile devices. | | **Switching Frequency** | 2.0 MHz - 4.0 MHz | High frequency allows for smaller external inductors. | | **Control Interface** | MIPI RFFE / I2C | Standards used for communication between the SoC and PMIC. | | **Output Channels** | Multi-phase / Independent | Ability to drive different power rails for RF chains. | --- ## 2. Key Electronic Components The "parts" within the PDM57400X-R11 assembly consist of several integrated and discrete elements: ### A. The Power Management IC (PMIC) This is the heart of the module. It regulates the battery voltage into precise levels required by sensitive radio frequency (RF) components. * **Buck-Boost Converters:** Used to maintain stable voltage even as the battery depletes. * **LDOs (Low Dropout Regulators):** Provide "clean" power with minimal noise for sensitive analog circuits. ### B. Passive Components * **Multi-Layer Ceramic Capacitors (MLCCs):** Essential for decoupling and filtering high-frequency noise. * **Power Inductors:** Shielded inductors used for energy storage in the switching conversion process. * **Precision Resistors:** Used for voltage sensing and feedback loops to ensure accuracy within $\pm 1\%$. ### C. Communication & Control * **MIPI RFFE Logic:** A specialized interface that allows the host processor to change power states in nanoseconds, which is critical for 4G/5G envelope tracking. --- ## 3. Typical Application Diagram The module functions as an intermediary between the Power Source and the RF Load. ```mermaid graph LR A[Battery/VPH_PWR] --> B[PDM57400X-R11] B --> C[RF Power Amplifier] B --> D[Transceiver] E[Host SoC] -- MIPI RFFE Control --> B ``` --- ## 4. Operational Features 1. **Dynamic Voltage Scaling (DVS):** The module adjusts its output voltage in real-time based on the signal strength required, significantly extending battery life. 2. **Thermal Protection:** Built-in sensors that shut down or throttle the power if the junction temperature exceeds safety limits (usually >125°C). 3. **EMI Shielding:** Often features integrated metal shielding to prevent the high-frequency switching noise from interfering with nearby cellular antennas.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the R11 revision?
    • ⤷ How does the MIPI RFFE protocol interface with this specific module?
    • ⤷ What are the thermal dissipation requirements for the PDM57400X under full load?