データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PDU-AH2N-R

  • AI
    ## Overview of the PDU-AH2N-R The **PDU-AH2N-R** is a Power Distribution Unit (PDU) component commonly used in industrial automation, specifically within the **A-B (Rockwell Automation) or Fanuc** ecosystems (often associated with CNC machines or R-30iB controllers). Its primary function is to distribute AC or DC power to various sub-systems while providing circuit protection and switching logic. --- ### Core Electronic Components The unit consists of several critical electronic sub-sections designed for high reliability and power management: | Component Category | Specific Part Types | Function | | :--- | :--- | :--- | | **Circuit Protection** | Miniature Circuit Breakers (MCBs) / Fuses | Protects the downstream electronics from overcurrent and short circuits. | | **Switching Elements** | Electromagnetic Relays / Contactors | Handles the physical connection and disconnection of high-power lines via low-voltage control signals. | | **Noise Suppression** | EMI/RFI Filters & Varistors (MOVs) | Filters out electromagnetic interference and protects sensitive logic boards from voltage spikes/surges. | | **Internal Power Supply** | Step-down Transformers / Rectifiers | Converts incoming high voltage (e.g., 200-240V) to lower DC voltages (e.g., 24V) for internal logic. | | **Status Indicators** | LED Arrays | Provides visual feedback on "Power On," "Fault," and "Ready" states. | --- ### Technical Specifications (General) While specific revisions may vary, the AH2N-R series typically follows these parameters: * **Input Voltage:** 200V - 240V AC (Single or Three Phase depending on configuration). * **Output Channels:** Multiple protected outlets for CNC Logic, Servo Amplifiers, and Peripherals. * **Control Interface:** Usually includes a multi-pin connector for communication with the main CPU (E-Stop loops and Ready signals). --- ### Internal Wiring & Connectivity The PDU-AH2N-R utilizes specific internal electronics to manage the "Power-Up" sequence of a machine: 1. **Soft-Start Circuitry:** Prevents massive inrush current from damaging servo drives when the main breaker is flipped. 2. **E-Stop Integration:** Hardwired safety relays that ensure power is cut to motion-sensitive parts (like motors) while maintaining power to the logic controller for diagnostics. 3. **Terminal Blocks:** High-grade copper connectors designed for vibration resistance in industrial environments. --- ### Common Failure Points to Inspect If you are troubleshooting this unit, focus on these electronic parts: * **Relay Contacts:** Can become pitted or welded over time due to high-current switching. * **Surge Protectors:** MOVs (Metal Oxide Varistors) can degrade after absorbing multiple power spikes. * **Capacitors:** Check for bulging or leaking in the internal rectification stage.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout diagrams for the control connector on the PDU-AH2N-R?
    • ⤷ How do I test the internal relays of this PDU using a multimeter?
    • ⤷ Is the PDU-AH2N-R compatible with Fanuc R-30iA or only R-30iB controllers?