データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PDU-AP2N-R/

  • AI
    The **PDU-AP2N-R** is a specific Power Distribution Unit (PDU) component often utilized in industrial systems or specialized server environments. Below is a breakdown of its electronic characteristics and technical specifications. --- ## Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Model** | PDU-AP2N-R | | **Input Voltage** | Typically 100V - 240V AC | | **Current Rating** | Varies by sub-model (Commonly 10A to 16A) | | **Output Connectors** | IEC C13 / C19 or Regional NEMA/Schuko | | **Mounting Type** | Rack-mount (1U or 0U Vertical) | | **Protection Type** | Circuit Breaker / Overload Protection | --- ## Key Electronic Components The "Electronic Parts" of this PDU can be categorized into three main systems: ### 1. Power Input and Filtering * **EMI/RFI Filter:** Internal capacitors and inductors used to clean the incoming AC power from electromagnetic interference. * **Surge Protection Device (SPD):** Often contains Metal Oxide Varistors (MOVs) to absorb voltage spikes and protect downstream equipment. ### 2. Monitoring and Logic (Smart Features) If the model suffix denotes a "Metered" or "Switched" version, it contains: * **Current Transformers (CTs):** Sensors wrapped around the internal busbars to measure amperage. * **Microcontroller (MCU):** An embedded chip that processes power data and manages communication (SNMP/Modbus). * **LCD/LED Display:** For local monitoring of load levels. ### 3. Distribution and Safety * **Internal Busbars:** Solid copper strips that distribute power to the individual outlets to minimize heat and resistance. * **Electromagnetic Circuit Breakers:** Provides thermal-magnetic protection. Unlike standard fuses, these can be reset after a trip. * **Relays (Switched Models only):** High-quality electronic switches that allow for remote power cycling of specific ports. --- ## Wiring and Connectivity Diagram ```mermaid graph LR Input[AC Mains Input] --> Filter[EMI/RFI Filter] Filter --> Protection[Circuit Breaker] Protection --> Logic[Monitoring Logic/MCU] Logic --> Outlets[Output Receptacles] ``` ### Usage Considerations * **Phase:** Ensure your facility's phase matches the PDU (Single-phase vs. Three-phase). * **Redundancy:** The "R" in some part numbers signifies **Redundant** or **Rack-mount** optimized; ensure the mounting ears are compatible with your specific server rack. ---
    ✨ Follow-up Questions
    • ⤷Does the PDU-AP2N-R support remote SNMP monitoring?
    • ⤷ What is the maximum power capacity in Watts for this specific model?
    • ⤷ How do I reset the internal circuit breaker on this unit?