データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PDU-AP2R-R/Q

  • AI
    The **PDU-AP2R-R/Q** is a high-performance Power Distribution Unit (PDU) component, typically integrated into modular systems or server racks to manage electrical power distribution. While the specific internal circuitry is often proprietary, the electronic design is categorized into three main subsystems: **Power Delivery**, **Protection**, and **Monitoring**. ### 1. Primary Electronic Subsystems | Component Category | Electronic Part Type | Function | | :--- | :--- | :--- | | **Input Interface** | Terminal Blocks / Busbars | Handles high-amperage AC/DC input and distributes it to internal rails. | | **Circuit Protection** | Hydraulic-Magnetic Breakers | Provides over-current protection that is less sensitive to ambient temperature. | | **Switching Logic** | Electromechanical Relays | Allows for remote or automated power cycling of individual outlets (in "Switched" models). | | **Monitoring PCB** | Microcontroller Unit (MCU) | Processes data from sensors and manages communication protocols (SNMP/HTTP). | --- ### 2. Key Internal Components #### A. Power Management Integrated Circuits (PMICs) These chips are the "brains" of the PDU. They regulate the low-voltage DC power required for the internal logic boards and ensure the communication module remains powered even if some output circuits are tripped. #### B. Current Transformers (CTs) Small toroidal coils placed around the internal conductors. They use induction to measure the current flowing through specific branches, allowing the PDU to report real-time amperage via the digital display or network interface. #### C. Surge Suppression (MOVs) **Metal Oxide Varistors (MOVs)** are often included to protect downstream equipment from voltage spikes or "dirty" power. These components divert excess voltage to the ground. --- ### 3. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Voltage Range** | Typically 100-240V AC or High-Voltage DC | | **Communication** | RJ45 Ethernet port, RS-232, or USB management ports | | **Display Type** | LED or LCD for real-time Load/Voltage monitoring | | **Sensor Ports** | Support for external Temp/Humidity probes | --- ### 4. Safety and Compliance Electronics The electronic assembly of the PDU-AP2R-R/Q is designed to meet industrial safety standards: * **Isolation Barriers:** Physical and electrical separation between high-voltage power paths and low-voltage control circuits. * **Thermal Sensors:** Internal thermistors that trigger an alarm if the PDU's internal components exceed safe operating temperatures.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q versions of this PDU?
    • ⤷ Does this model support remote outlet switching via SNMP?
    • ⤷ What are the specific amperage ratings for the PDU-AP2R series?