データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PDU-CA3N-R

  • AI
    The **PDU-CA3N-R** is a specific Power Distribution Unit (PDU) component often associated with server rack infrastructure and high-density computing environments. Below is a breakdown of its technical characteristics and electronic architecture. --- ## 1. Core Technical Specifications The "R" suffix typically denotes a **Rack-mountable** or **Redundant** configuration. Here is the general electronic profile: | Component | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Auto-sensing) | | **Current Rating** | Typically 10A to 16A (region dependent) | | **Frequency** | 50/60 Hz | | **Output Connectors** | Multiple IEC C13 or C19 outlets | | **Protection** | Thermal Overload / Circuit Breaker | --- ## 2. Electronic Parts Breakdown The internal architecture of the PDU-CA3N-R consists of several critical modules: ### A. Power Input & Filtering * **EMI/RFI Filter:** A combination of capacitors (X and Y types) and inductors (chokes) designed to reduce electromagnetic interference and radio frequency noise from the incoming power line. * **MOV (Metal Oxide Varistors):** These act as surge protectors. If a voltage spike occurs, the resistance of the MOV drops sharply, shunting the excess current to the ground to protect downstream hardware. ### B. Distribution Busbars * Instead of standard wiring, high-quality PDUs use **solid copper busbars**. This reduces heat generation caused by resistance and ensures stable voltage delivery across all output ports simultaneously. ### C. Circuit Protection * **Magnetic-Hydraulic Circuit Breaker:** Unlike thermal breakers that can trip prematurely due to ambient heat in a server room, these respond accurately to actual overcurrent conditions. * **Internal Fusing:** Individual outlets may have dedicated fuses to prevent a single faulty device from taking down the entire distribution strip. ### D. Monitoring & Control (If Managed Model) * **Microcontroller (MCU):** An embedded chip that monitors real-time metrics (Amps, Volts, Watts). * **Current Transformers (CTs):** Small toroidal sensors placed around the internal conductors to measure current flow through induction without breaking the circuit. * **Communication Port:** Often an RJ45 or Serial port for remote management (SNMP, Telnet, or Web GUI). --- ## 3. Physical Layout and Enclosure * **Chassis:** High-grade aluminum or cold-rolled steel to provide grounding and heat dissipation. * **Insulation:** High-temperature plastic (UL94-V0 rated) to house the individual IEC sockets, ensuring fire retardancy. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the PDU-CA3N-R and the CA3N-S model?
    • ⤷ Does this PDU support per-port remote switching?
    • ⤷ What are the specific thermal limits for this unit in a high-density rack?