データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PDU-DP1N-R

  • AI
    The **PDU-DP1N-R** is a specialized Power Distribution Unit (PDU) component, typically integrated into modular power systems (such as those from Vertiv/Emerson NetSure series). It serves as the interface between the primary DC power plant and the individual load circuits. --- ## 1. Core Electronic Components and Architecture The PDU-DP1N-R is essentially a high-current distribution panel designed for reliability and monitoring. Below are the primary electronic sections: ### A. Power Distribution Path * **Busbars:** Heavy-duty copper conductors designed to handle high amperage (often rated for total system currents up to 600A or more) with minimal voltage drop. * **Circuit Breakers/Fuses:** The unit features slots for plug-in hydraulic-magnetic circuit breakers. These provide both overcurrent protection and a manual disconnect point for individual loads. ### B. Monitoring and Sensing Logic * **Shunt Resistors:** Precision low-resistance resistors placed in series with the main feed. These allow the system to measure total current draw by calculating the voltage drop across the shunt. * **Voltage Dividers:** Scaling circuits that reduce the high busbar voltage to a level safe for logic-level processing (e.g., 0-5V or 0-10V signals). ### C. Communication Interface * **Signal Connector:** A multi-pin header (usually located at the rear) that interfaces with the central Power System Controller (like the M830B or ACU+). * **Alarm Circuitry:** Form-C dry contacts or digital logic gates that trigger a "Breaker Trip" alarm if a circuit is interrupted. --- ## 2. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically -48V DC (Standard Telecom Range) | | **Circuit Capacity** | Usually supports 18 to 22 individual load positions | | **Breaker Type** | Plug-in style (Single-pole or Multi-pole) | | **Monitoring** | Integrated current shunt and voltage sensing | | **Mounting** | 19-inch or 23-inch Rack Mount (Standard Shelf) | | **Indicator** | LED status indicators for "Power On" and "Alarm" | --- ## 3. Key Electronic Functions ### 1. Load Shedding Support While the PDU itself is passive, it often works in conjunction with a **Low Voltage Disconnect (LVD)** contactor. The PDU-DP1N-R provides the termination points for the LVD control signals to ensure non-essential loads are dropped when battery voltage hits a critical threshold. ### 2. Signal Reporting The unit encodes the status of all breakers into a "Summary Alarm." If any single breaker trips, the internal electronic loop is broken, sending a high/low signal to the master controller to alert the network operations center (NOC). ### 3. Thermal Management The physical layout uses passive cooling. The electronic spacing between the busbars and the breaker housings is calculated to prevent thermal runaway during high-load scenarios. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible circuit breaker models for the PDU-DP1N-R?
    • ⤷ How do you calibrate the current shunt readings in the PDU-DP1N-R?
    • ⤷ Can this PDU be used in a positive ground (+24V) system?