データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PDU-HH3N-R

  • AI
    The **PDU-HH3N-R** is a high-performance Power Distribution Unit (PDU) typically used in server racks and data center environments. Its internal electronic architecture is designed for power management, monitoring, and equipment protection. --- ### 1. Key Electronic Components The PDU-HH3N-R consists of several critical electronic subsystems: | Component | Function | Description | | :--- | :--- | :--- | | **Circuit Breakers** | Overload Protection | Resettable thermal-magnetic switches that prevent fire or damage during current spikes. | | **Power Busbars** | Conductivity | Internal solid copper bars that distribute high-amperage current to individual outlets. | | **LCD/LED Display** | User Interface | An electronic module that displays real-time voltage, amperage, and power factor. | | **Surge Suppressor** | Protection | Metal Oxide Varistors (MOVs) that shunt excess voltage to ground during spikes. | | **Switching Relays** | Logic Control | (In switched models) Electromechanical or solid-state relays used to toggle power to specific outlets. | --- ### 2. Technical Specifications (Typical) While specifications can vary slightly by manufacturer (often branded under Pyle, CyberPower, or generic rack-mount providers), the "HH3N" series generally follows these electronic standards: * **Input Voltage:** 110V - 240V AC (Universal input). * **Current Rating:** Typically 15A or 20A. * **Plug Type:** NEMA 5-15P or L5-20P (Twist lock). * **Outlet Density:** Usually 8 to 12 rear-facing outlets. * **EMI/RFI Filtering:** Electronic noise reduction circuitry to ensure "clean" power for sensitive servers. --- ### 3. Electronic Safety Features The PDU-HH3N-R integrates several safety layers: 1. **Current Monitoring:** Integrated sensors measure the total draw. If the electronic load exceeds the rated capacity (e.g., 15 Amps), the circuit breaker trips. 2. **Grounding:** A dedicated grounding wire and chassis ground point protect against internal shorts. 3. **Heat Dissipation:** The housing is typically aluminum or cold-rolled steel, acting as a passive heat sink for the internal copper busbars. --- ### 4. Installation Pinout Logic When wiring or replacing the power cord for this unit, the electronic wiring follows standard AC color coding: ```json { "Black/Brown": "Hot/Live (L)", "White/Blue": "Neutral (N)", "Green/Yellow": "Ground (G/PE)" } ```
    ✨ Follow-up Questions
    • ⤷ Does the PDU-HH3N-R support remote IP management or is it a basic/metered unit?
    • ⤷ What is the maximum surge protection rating (Joules) for this specific model?
    • ⤷ How do I reset the internal circuit breaker if the PDU stops providing power?