データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PE4005

  • AI
    ## PE4005 Electronic Component Overview The **PE4005** is a high-performance **Frequency Synthesizer** (specifically a Dual Fractional-N PLL) manufactured by pSemi (formerly Peregrine Semiconductor). It is designed using UltraCMOS® technology, which allows it to operate with high linearity and low power consumption. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Dual Fractional-N Phase-Locked Loop (PLL) | | **Max Frequency (RF)** | Up to 2.2 GHz | | **Max Frequency (IF)** | Up to 550 MHz | | **Operating Voltage** | 2.7V to 3.3V | | **Phase Noise** | Extremely low (high spectral purity) | | **Programming Interface** | 3-wire Serial Interface (SPI compatible) | | **Package Type** | 20-lead QFN (4x4 mm) | --- ### 2. Main Functional Blocks The internal architecture of the PE4005 consists of several critical electronic sections: 1. **Prescalers:** These divide the high-frequency RF/IF input signals down to a frequency that the internal digital counters can handle. 2. **Phase Frequency Detector (PFD):** Compares the divided input signal with a reference frequency to generate an error signal. 3. **Charge Pump:** Converts the PFD output into a current pulse to drive the external Loop Filter. 4. **Fractional Accumulator:** Allows the synthesizer to achieve very fine frequency resolution (small step sizes) without needing a very low reference frequency. 5. **Reference Divider (R Counter):** Divides the external crystal oscillator frequency to set the comparison frequency. --- ### 3. Applications The PE4005 is typically found in communication systems where precise frequency control is mandatory: * **Wireless Infrastructure:** Base stations and small cells. * **Satellite Communications:** L-band and S-band receivers. * **Portable Radios:** Battery-operated handheld devices due to its low power draw. * **Test Equipment:** Signal generators and frequency analyzers. --- ### 4. Pinout Configuration (Brief) | Pin Name | Function | | :--- | :--- | | **VDD** | Power supply input | | **RFIN / IFIN** | High-frequency signal inputs | | **OSCIN** | Reference clock input (Crystal or TCXO) | | **CPOUT** | Charge Pump Output (connects to loop filter) | | **DATA/CLK/LE** | Serial programming pins |
    ✨ Follow-up Questions
    • What is the main advantage of using Fractional-N PLLs like the PE4005 over Integer-N PLLs?
    • Does the PE4005 require an external Voltage Controlled Oscillator (VCO)?
    • What are the specific power consumption ratings for the PE4005 in active mode?