データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PECO2_14

  • AI
    Based on industrial technical specifications, the **PECO2_14** typically refers to a specialized power electronics component or a sub-assembly used in high-efficiency power conversion systems. Below is an explanation of its primary electronic characteristics and functions. --- ### 1. Overview of PECO2_14 The PECO2_14 is often categorized as a **Power Electronic Converter module**. It is designed to manage high-voltage and high-current loads, bridging the gap between raw electrical input and the precise power requirements of industrial motors or sensitive electronics. ### 2. Key Electronic Components The internal architecture generally consists of the following electronic parts: | Component Type | Function | Material/Tech | | :--- | :--- | :--- | | **Power Stage (IGBT/MOSFET)** | Switches high currents at high frequencies to regulate voltage. | Silicon Carbide (SiC) or standard Silicon. | | **Gate Driver ICs** | Provides the necessary voltage levels to trigger the power switches. | Isolated Integrated Circuits. | | **Control Logic (MCU/DSP)** | Processes sensor data and executes control algorithms (like PWM). | 32-bit Microcontroller. | | **DC-Link Capacitors** | Smooths the voltage ripples and stores energy for transient loads. | Polypropylene film or Electrolytic. | | **Current Sensors** | Monitors real-time current flow for feedback loops and safety. | Hall Effect or Shunt resistors. | --- ### 3. Technical Specifications While specific values can vary by manufacturer, the "14" in the suffix often denotes a revision or a specific rating (e.g., 1400V or 14A). * **Switching Frequency:** Usually ranges from 10 kHz to 100 kHz. * **Isolation Voltage:** High-level galvanic isolation (often up to 2500V or higher). * **Communication Protocols:** Supported interfaces often include CAN bus, Modbus, or RS-485 for remote monitoring. ### 4. Common Applications * **Renewable Energy:** Inverters for solar arrays or wind turbine pitch control. * **Electric Vehicles (EVs):** On-board chargers or auxiliary power modules. * **Industrial Automation:** High-precision motor drives and UPS systems. ### 5. Maintenance and Protection Features The electronic board includes several protection circuits to prevent hardware failure: 1. **OVP (Over-Voltage Protection):** Shuts down the module if input spikes occur. 2. **OTP (Over-Temperature Protection):** Thermistors monitor the heatsink temperature. 3. **Short-Circuit Protection:** Instantaneous shutdown of gate signals if a short is detected.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the PECO2_14 module?
    • ⤷ How does the PECO2_14 compare to the PECO2_12 in terms of power rating?
    • ⤷ What software is typically used to program the MCU on this board?