データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PEW1663SMB

  • AI
    The **PEW1663SMB** is a specific model of an industrial-grade power plug, typically classified under the international standard **IEC 60309**. It is widely used in industrial, construction, and data center environments for reliable high-current power distribution. --- ### Technical Specifications The following table outlines the primary electronic and physical characteristics of the PEW1663SMB: | Feature | Specification | | :--- | :--- | | **Current Rating** | 16 Amperes (16A) | | **Voltage Range** | 200V - 250V AC | | **Pin Configuration** | 2P + E (2 Poles + Earth/Ground) | | **Earth Contact Position** | 6h (6 o'clock position) | | **IP Rating** | IP67 (Dust-tight and waterproof) | | **Frequency** | 50Hz / 60Hz | | **Material** | PA66 Nylon (Housing), Brass (Contacts) | --- ### Key Electronic Components & Features The device is more than just a plug; its design incorporates specific engineering features to handle electrical loads safely: #### 1. Pin and Sleeve Design Unlike domestic plugs, the PEW1663SMB uses cylindrical brass sleeves. These provide a larger surface area for contact, which **reduces electrical resistance** and prevents overheating during continuous 16A operation. #### 2. IP67 Ingress Protection The "SMB" designation often refers to the surface-mounting or specific locking mechanism. The IP67 rating means the internal electronic connections are protected by: * **Rubber Gaskets:** To seal the cable entry. * **Bayonet Locking Ring:** To ensure a watertight connection when mated with a socket. #### 3. Ground-First Connection The Earth pin is designed to be slightly longer or positioned such that it makes contact **before** the live and neutral pins (and breaks contact last). This is a critical safety feature to prevent electric shock. #### 4. Insulation Resistance The housing is made from high-grade thermoplastic (usually PA66). This provides: * High dielectric strength (preventing arcing). * Flame retardancy (UL94-V0 or similar). * Chemical resistance against industrial oils and solvents. --- ### Typical Applications * **Industrial Machinery:** Powering heavy-duty lathes, drills, or pumps. * **Outdoor Events:** Temporary power grids for lighting and audio. * **Marine & Construction:** Use in environments where water splashes or heavy dust are common.
    ✨ Follow-up Questions
    • ⤷What is the difference between IP44 and IP67 ratings for this plug?
    • ⤷ Can this plug be used with 110V systems?
    • ⤷ What gauge of wire is recommended for a 16A IEC 60309 connection?