データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PHA950-F200A-R2

  • AI
    The **PHA950-F200A-R2** is a high-performance **Pulse Ranging Technology (PRT)** distance sensor manufactured by Pepperl+Fuchs. It is specifically designed for high-speed automated storage and retrieval systems (AS/RS) and precision positioning in industrial environments. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and performance characteristics: | Feature | Specification | | :--- | :--- | | **Measurement Range** | 0.2 meters to 200 meters | | **Operating Voltage** | 18 ... 30 V DC | | **Interface** | SSI (Synchronous Serial Interface) | | **Light Source** | Infrared Laser Diode (905 nm) | | **Laser Class** | Class 1 (Eye-safe) | | **Current Consumption** | $\leq$ 200 mA | | **Resolution** | 0.1 mm | | **Accuracy** | $\pm$ 3 mm | --- ### 2. Core Electronic Components & Architecture #### A. Pulse Ranging Technology (PRT) Engine Unlike standard phase-shift sensors, the PHA950 utilizes PRT. This involves emitting short, high-energy pulses of light and measuring the actual time-of-flight (ToF) between the emission and the reception of the reflected pulse. This requires: * **High-speed Microcontroller:** To process nanosecond timing data. * **Sensitive Photodiode:** Optimized for the 905 nm spectrum to capture weak reflections from long distances. #### B. The SSI Interface The "R2" variant typically utilizes an **SSI (Synchronous Serial Interface)**. * **Signal Type:** RS-422 differential signaling. * **Electronic Advantage:** Provides high immunity to electromagnetic interference (EMI), making it ideal for large warehouse environments with heavy motor noise. #### C. Power Management Circuitry The device includes internal protection circuits: * **Reverse Polarity Protection:** Prevents damage if the DC power leads are swapped. * **Short-Circuit Protection:** Protects the internal logic from external wiring faults. --- ### 3. Connection Diagram (Standard M12) The sensor usually connects via a standard 8-pin M12 connector. The pinout typically follows this electronic logic: ```markdown 1. Power (24V DC) 2. Ground (GND) 3. Clock + (SSI) 4. Clock - (SSI) 5. Data + (SSI) 6. Data - (SSI) 7. Service Interface / RS-232 TX 8. Service Interface / RS-232 RX ``` --- ### 4. Operational Indicators (LEDs) The electronic housing features several diagnostic LEDs: * **Green (Power):** Indicates stable DC voltage. * **Yellow (Signal):** Lights up when a target is detected within the measuring range. * **Red (Error):** Indicates a laser fault, dirty lens, or internal electronic failure.
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the SSI interface and a Profinet model?
    • ⤷ How does the PRT technology compare to traditional phase-shift measurement in terms of electronic noise?
    • ⤷ Can the PHA950-F200A-R2 be integrated directly into a PLC without an external converter?