データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PI07018-R33M

  • AI
    The **PI07018-R33M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It belongs to a class of inductors designed for high efficiency and low electromagnetic interference (EMI). --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify its specific properties: | Component Segment | Meaning | Details | | :--- | :--- | :--- | | **PI** | Series Code | Power Inductor (Molded type) | | **07018** | Dimensions | Approx. 7.0mm x 7.0mm (Footprint) x 1.8mm (Height) | | **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point) | | **M** | Tolerance | **±20%** | --- ## 2. Technical Specifications These parts are typically "Molded Power Inductors," which use a metal alloy powder core to handle high saturation currents. * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low (typically in the range of 2mΩ to 5mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by 20-30%. For this size, it is usually between **15A and 25A**. * **Heat Rating Current ($I_{rms}$):** The continuous current that causes a 40°C temperature rise. * **Operating Temperature:** Generally -40°C to +125°C. --- ## 3. Key Electronic Characteristics ### A. Molded Construction The coil is embedded in a metallic iron powder composite. This construction provides: * **Magnetic Shielding:** Reduces EMI leakage, preventing interference with nearby components. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, these molded cores lose inductance gradually as current increases. ### B. High Frequency Performance The 0.33 µH value is relatively low, indicating it is designed for **high-switching frequency** power supplies (typically 500kHz to 2MHz+). This allows for faster transient response and smaller output capacitors. --- ## 4. Typical Applications The PI07018-R33M is commonly found in: 1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in laptops. 2. **Point of Load (POL) Converters:** Converting a main bus voltage (like 12V) down to 1.0V or 1.8V. 3. **Battery Powered Devices:** High efficiency ensures longer battery life. 4. **DC-DC Buck Converters:** Used in the output filter stage to smooth current. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the PI07018-R33M from other manufacturers?
    • ⤷ How does the 1.8mm height affect the thermal performance compared to taller inductors?
    • ⤷ In what specific circuit configuration would a 0.33 µH inductor be preferred over a 1.0 µH inductor?