データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PI07030-R68M

  • AI
    The **PI07030-R68M** is a high-current, shielded power inductor typically used in DC-DC converter circuits. It is designed for applications requiring high efficiency, low power loss, and a compact surface-mount footprint. --- ### 1. Technical Specifications The part number can be decoded to understand its physical and electrical characteristics: | Parameter | Specification | Description | |:---|:---|:---| | **Inductance** | 0.68 µH | The "R68" represents 0.68 microhenries. | | **Tolerance** | ±20% | Indicated by the "M" suffix. | | **Case Size** | 7.0 x 7.0 x 3.0 mm | Approximate dimensions (Length x Width x Height). | | **Material** | Carbonyl Iron / Alloy | Typically uses a composite metal powder core. | | **Shielding** | Magnetically Shielded | Reduces Electromagnetic Interference (EMI). | --- ### 2. Key Features * **High Saturation Current ($I_{sat}$):** Designed to maintain inductance levels even when high peak currents pass through the coil. * **Low DC Resistance (DCR):** Minimizes heat generation and power loss, improving overall circuit efficiency. * **Soft Saturation:** Unlike ferrite inductors, these alloy-core inductors don't drop inductance sharply when current limits are reached. * **SMD Design:** Suitable for automated SMT (Surface Mount Technology) assembly lines. --- ### 3. Application Areas This specific inductor is commonly found in the following electronic systems: 1. **Voltage Regulator Modules (VRM):** Used in motherboards and servers to step down voltage for CPUs/GPUs. 2. **DC/DC Converters:** Found in battery-powered devices like laptops and tablets. 3. **Automotive Electronics:** Used in infotainment and ADAS systems due to its stability under varying temperatures. 4. **Power Supplies:** High-efficiency point-of-load (POL) converters. --- ### 4. Equivalent Component Comparison If the PI07030-R68M is unavailable, engineers often look for equivalents in the following series: * **Vishay:** IHLP-2525CZ-01 series. * **Bourns:** SRP7030 series. * **TDK:** SPM7030 series. > **Note:** Always verify the footprint and saturation current ratings before substituting parts, as physical dimensions and pad layouts can vary slightly between manufacturers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current rating for the PI07030-R68M?
    • ⤷ How does an alloy core inductor differ from a traditional ferrite core?
    • ⤷ What are the soldering profile requirements for this SMD component?