データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PI3VT3245L

  • AI
    ## Overview of the PI3VT3245L The **PI3VT3245L** is a high-speed, low-voltage, 8-bit, 2-port bus switch produced by Diodes Incorporated (formerly Pericom). It is designed to facilitate high-speed signal switching and voltage translation between different logic levels. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | PI3VT (Voltage Translation) | | **Number of Bits** | 8-bit (Octal) | | **Operating Voltage** | 2.5V to 3.3V | | **Propagation Delay** | < 0.25ns (Near Zero) | | **On-Resistance ($R_{ON}$)** | 5Ω (Typical) | | **Package Types** | TSSOP, QSOP | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The device consists of eight independent switches arranged in a 2-port configuration. It acts as a bidirectional wire when the output enable is active. #### Control Logic The device is controlled by an **Output Enable ($\overline{OE}$)** pin: * **Low ($\overline{OE} = L$):** The switches are **ON**, connecting Port A to Port B. * **High ($\overline{OE} = H$):** The switches are **OFF**, placing the ports in a high-impedance (Hi-Z) state. #### Voltage Translation One of the primary features of the PI3VT3245L is its ability to perform bidirectional voltage level shifting. Because it is a passive switch with low $R_{ON}$, it can interface: * **3.3V to 2.5V** systems. * **2.5V to 1.8V** systems. --- ### 3. Pin Configuration (20-Pin TSSOP/QSOP) | Pin Name | Function | | :--- | :--- | | **$\overline{OE}$** | Output Enable (Active Low) | | **A0 - A7** | Port A I/O pins | | **B0 - B7** | Port B I/O pins | | **GND** | Ground | | **$V_{CC}$** | Power Supply (2.5V or 3.3V) | --- ### 4. Applications The PI3VT3245L is commonly used in high-performance computing and networking environments: 1. **Hot-Swapping:** Protecting sensitive components during live insertion of cards. 2. **Bus Isolation:** Segregating high-speed bus segments to reduce capacitive loading. 3. **Level Shifting:** Interfacing legacy 3.3V peripherals with modern 2.5V or lower-voltage FPGAs/CPUs. 4. **Signal Routing:** Multiplexing data lines in server or storage applications. --- ### 5. Implementation Example Below is a conceptual logic representation for enabling the bus switch: ```c // Pseudo-code for controlling PI3VT3245L via an MCU #define OE_PIN 5 void enable_bus() { digitalWrite(OE_PIN, LOW); // Connect Port A to Port B } void isolate_bus() { digitalWrite(OE_PIN, HIGH); // Disconnect / High-Impedance } ```
    ✨ Follow-up Questions
    • What is the difference between the PI3VT3245L and the standard PI3C3245?
    • How does the 'Near Zero Propagation Delay' benefit high-speed DDR memory applications?
    • Can the PI3VT3245L handle 5V input signals safely?