データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PIP3102-R

  • AI
    ## Overview of the PIP3102-R The **PIP3102-R** is an integrated power MOSFET belonging to the **TOPFET** (Temperature and Overload Protected Field-Effect Transistor) family. It is specifically designed for high-side switching applications in automotive and industrial environments. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 50V | Maximum voltage across the device. | | **Continuous Drain Current ($I_D$)** | 10A | Maximum sustained output current. | | **On-State Resistance ($R_{DS(on)}$)** | ~50 mΩ | Resistance when the switch is fully ON. | | **Input Type** | Logic Level | Can be driven directly by 5V microcontrollers. | | **Package** | SOT426 (D2PAK) | Surface mount power package with 5 pins. | --- ### 2. Internal Protection Features The "PIP" series is known for being a "Smart" MOSFET. It integrates several protection circuits directly onto the silicon chip: * **Over-Temperature Protection:** The device automatically shuts down if the junction temperature exceeds safe limits (typically around 165°C). * **Overload / Short-Circuit Protection:** It limits the current to prevent damage during a fault condition. * **Overvoltage Clamping:** Protects the device against inductive energy spikes (common when driving motors or solenoids). * **ESD Protection:** Built-in protection against Electrostatic Discharge on all pins. --- ### 3. Pin Configuration (SOT426) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Input (IN)** | Logic signal to turn the switch ON/OFF. | | 2 | **Status (ST)** | Provides feedback (diagnostic) if a fault occurs. | | 3 | **Source (S)** | Connected to the load (High-side configuration). | | 4 | **No Connect** | Internal use or isolation. | | Tab / Pin 5 | **Drain (D)** | Connected to the positive supply voltage ($V_{CC}$). | --- ### 4. Typical Applications Because of its ruggedness and integrated diagnostics, the PIP3102-R is commonly used for: * **Automotive Body Control:** Controlling headlights, indicators, or wiper motors. * **Industrial Automation:** Driving solenoids, relays, and small DC motors. * **Power Distribution:** Acting as a resettable electronic fuse in 12V or 24V systems. ---
    ✨ Follow-up Questions
    • ⤷ How does the Status (ST) pin signal a fault to a microcontroller?
    • ⤷ What is the difference between a standard MOSFET and a TOPFET like the PIP3102-R?
    • ⤷ Can the PIP3102-R be used in a low-side switching configuration?