データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PIP3210-R

  • AI
    The **PIP3210-R** is an integrated power MOSFET belonging to the "Programmable Intelligent Power" (PIP) series, originally developed by NXP (formerly Philips Semiconductors). It is specifically designed for automotive and industrial applications where high-side switching and circuit protection are critical. --- ### 1. Key Technical Specifications The PIP3210-R is essentially a high-performance **N-channel enhancement mode MOSFET** with built-in logic-level interfacing and protection circuitry. | Parameter | Value / Description | | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 50V (Maximum) | | **Continuous Drain Current ($I_D$)** | 30A (Depending on cooling) | | **$R_{DS(on)}$** | ~40 m$\Omega$ (Typical at 25°C) | | **Package Type** | SOT426 (Surface mount, similar to D2PAK) | | **Logic Interface** | Logic level compatible (5V CMOS/TTL) | --- ### 2. Internal Electronic Features The "Intelligence" in this part comes from the integration of several functional blocks within the same silicon package: * **Current Sensing:** Unlike standard MOSFETs, the PIP3210-R includes a "SENSE" pin. This provides a small fraction of the load current to an external resistor, allowing a microcontroller to monitor real-time current without a high-wattage shunt resistor. * **Thermal Protection:** It contains an internal thermal sensor that shuts down the device if the junction temperature exceeds safe limits (typically around 175°C). * **Overload Protection:** It is designed to withstand short circuits and over-current scenarios by limiting the current or tripping a latch. * **ESD Protection:** Integrated diodes protect the gate and logic pins from electrostatic discharge, common in automotive environments. --- ### 3. Pinout Configuration The SOT426 package typically utilizes the following pin assignments: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Input (IN)** | Logic level signal to turn the MOSFET ON/OFF. | | 2 | **Status (ST)** | Output flag for diagnostic feedback (over-temp/over-load). | | 3 | **Drain (D)** | Connected to the positive supply/load. | | 4 | **Sense (S)** | Current sense output. | | 5 | **Source (S)** | Connected to the load (High-side) or Ground. | | Tab | **Drain (D)** | Thermal heatsink connection. | --- ### 4. Typical Applications Because of its robustness and integrated sensing, it is used in: 1. **Automotive Body Control:** Powering headlights, wipers, and seat motors. 2. **Solenoid Drivers:** Managing inductive loads where flyback protection and current monitoring are required. 3. **DC Motor Control:** Pulse-width modulation (PWM) speed control with safety feedback.
    ✨ Follow-up Questions
    • ⤷ How does the current sensing pin (SENSE) calculate the total load current?
    • ⤷ What are the specific thermal shutdown behavior modes for the PIP3210-R?
    • ⤷ Is the PIP3210-R recommended for new designs
    • ⤷ or are there modern alternatives?