データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PL123-09OC-R

  • AI
    ## PL123-09OC-R: High-Performance Low Skew Clock Buffer The **PL123-09OC-R** is a specialized integrated circuit designed for clock distribution. It belongs to the Phase-Locked Loop (PLL) based zero-delay buffer family, primarily used to synchronize and distribute clock signals across high-speed digital systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | PLL Zero-Delay Buffer | | **Input Frequency Range** | 10MHz to 134MHz | | **Outputs** | 9 Outputs (1 Bank) | | **Output Type** | CMOS / TTL | | **Voltage Supply** | 3.3V (nominal) | | **Operating Temperature** | 0°C to 70°C (Commercial) | | **Package Type** | SOP-16 (Small Outline Package) | | **Skew (Output-to-Output)** | < 250ps | --- ### 2. Functional Description The PL123-09OC-R is designed to take a single reference clock input and produce nine buffered copies. Its primary "value-add" is the internal PLL, which ensures that the output signals are perfectly aligned in phase with the input signal, effectively eliminating the propagation delay. #### Core Components: * **Phase-Locked Loop (PLL):** Synchronizes the output frequency with the input frequency. * **Feedback Loop:** Most applications connect one of the outputs (typically Output 9) back to the `CLKFB` pin to close the loop, ensuring zero delay. * **Control Pins:** * **S1 & S2:** These pins act as selection inputs to determine the operating mode (e.g., bypassing the PLL or putting the chip into a low-power state). --- ### 3. Pin Configuration (16-Pin SOP) | Pin Name | Description | | :--- | :--- | | **CLKIN** | Reference Clock Input | | **CLKFB** | Feedback Input (Connect to an output for zero delay) | | **CLK [1-9]** | Clock Outputs | | **S[1,2]** | Mode Select Pins | | **VDD / VSS** | Power Supply (3.3V) and Ground | --- ### 4. Typical Application Circuit When designing with the PL123-09OC-R, a decoupling capacitor is essential to maintain signal integrity. ```markdown [CLK Source] ---> [CLKIN Pin] [CLK 9 Out] ---> [CLKFB Pin] (Zero Delay Configuration) [VDD Pin] <--- [3.3V Source with 0.1uF Capacitor] [VSS Pin] <--- [System Ground] ``` --- ### 5. Summary of Advantages 1. **Phase Alignment:** Maintains a "Zero Delay" between the input and output clock. 2. **Low Jitter:** High-quality internal PLL reduces signal noise and timing uncertainty. 3. **Fan-out Capability:** Drives up to 9 separate components with a single clock source, reducing the load on the primary oscillator.
    ✨ Follow-up Questions
    • ⤷ How do the S1 and S2 pins specifically change the output mode?
    • ⤷ What is the difference between a zero-delay buffer and a standard fan-out buffer?
    • ⤷ Are there industrial temperature grade versions of the PL123-09?