データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PL130-07OC-R

  • AI
    ## Overview of PL130-07OC-R The **PL130-07OC-R** is a high-performance CMOS Phase Locked Loop (PLL) clock buffer/multiplier produced by Microchip Technology (formerly PhaseLink). It is specifically designed to provide low-jitter clock distribution and frequency multiplication for high-speed digital systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology | | **Part Number** | PL130-07OC-R | | **Type** | PLL Clock Buffer / Multiplier | | **Input Frequency Range** | 1MHz to 100MHz | | **Output Frequency Range** | 1MHz to 200MHz | | **Supply Voltage (Vdd)** | 2.25V to 3.63V | | **Output Type** | LVCMOS / CMOS | | **Package** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | --- ### 2. Functional Features * **Low Jitter:** Optimized for low phase noise and low period jitter, making it suitable for sensitive timing applications. * **Zero Delay Buffer:** It functions as a Zero Delay Buffer (ZDB), synchronizing the output clock signal precisely with the input clock's phase. * **Frequency Multiplier:** It can act as a 1x or 2x frequency multiplier based on pin configuration. * **Power Management:** Includes a "Power Down" or "Output Enable" mode to reduce power consumption when the clock is not required. * **Drive Strength:** Designed to drive multiple loads (up to 15pF to 30pF) without significant signal degradation. --- ### 3. Pin Configuration (SOIC-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | CLK_IN | Reference Clock Input | | 2 | VDD | Power Supply | | 3 | CLK_OUT | Clock Output | | 4 | GND | Ground | | 5-8 | Config Pins | Pins used for Output Enable (OE) or frequency selection (S0/S1) depending on the specific revision. | --- ### 4. Typical Applications The PL130-07OC-R is commonly found in electronic circuits requiring precise clock synchronization, such as: 1. **SDRAM Timing:** Synchronizing memory clocks with the CPU. 2. **Networking Equipment:** Used in routers and switches for data packet synchronization. 3. **Embedded Systems:** Providing a stable heartbeat for microcontrollers and FPGAs. 4. **PC Peripherals:** Clock distribution for PCI and graphics interfaces. --- ### 5. Part Number Breakdown * **PL130:** Device Family (Low Jitter PLL). * **07:** Specific functional configuration (Multiplier/Buffer ratio). * **O:** Package Code (SOIC). * **C:** Temperature Range (Commercial: 0°C to +70°C). * **R:** Packaging (Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PL130-07 and other buffers in the PL130 series?
    • ⤷ How do I calculate the maximum output load for this IC?
    • ⤷ Can this part be used in automotive applications given its commercial temperature rating?