データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PL133-47SI-R

  • AI
    ## Overview of PL133-47SI-R The **PL133-47SI-R** is a high-performance, low-power Clock Fanout Buffer designed by Microchip Technology (formerly PhaseLink). It is specifically engineered to distribute a single clock source to multiple outputs with minimal signal degradation and ultra-low jitter. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Type** | Low Power LVCMOS Fanout Buffer | | **Input Frequency** | 1 MHz to 150 MHz | | **Number of Outputs** | 4 | | **Output Type** | LVCMOS | | **Operating Voltage** | 2.25V to 3.63V | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SOP-8 (Small Outline Package) | | **Jitter (Cycle-to-Cycle)** | < 200 ps | --- ### Core Electronic Components & Architecture 1. **Input Buffer Stage:** * Accepts a single-ended clock input. * Designed with high input impedance to prevent loading the primary clock source (like a Crystal Oscillator). 2. **Internal Gain Block:** * Uses a specialized amplifier circuit to maintain signal integrity and sharp rise/fall times as the signal is duplicated. 3. **Fanout Logic:** * Distributes the signal into four identical output paths. The internal design ensures minimal **Output-to-Output Skew**, meaning all four signals remain synchronized. 4. **Output Drivers:** * LVCMOS (Low Voltage Complementary Metal-Oxide-Semiconductor) drivers designed to handle capacitive loads while maintaining low power consumption. --- ### Pin Configuration (SOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | CLK_IN | Reference Clock Input | | 2, 3 | CLK_OUT | Clock Outputs 1 and 2 | | 4 | GND | Ground Connection | | 5, 6 | CLK_OUT | Clock Outputs 3 and 4 | | 7 | OE / VDD | Output Enable or Power Supply (Variant dependent) | | 8 | VDD | Positive Power Supply | --- ### Common Applications * **Networking Gear:** Distributing clocks to multiple Ethernet PHYs. * **Embedded Systems:** Providing synchronized timing for a CPU and various peripherals (FPGA, Memory, Sensors). * **Consumer Electronics:** Reducing the need for multiple crystal oscillators, thereby saving PCB space and cost. * **Industrial Controllers:** Reliable signal distribution in harsh temperature environments. --- ### Part Number Suffix Breakdown * **PL133-47**: Base part number. * **S**: SOP-8 Package. * **I**: Industrial Temperature Range (-40°C to +85°C). * **-R**: Tape and Reel packaging (standard for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What is the maximum output-to-output skew for the PL133-47SI-R?
    • ⤷ Can this part be used to convert a differential clock signal to LVCMOS?
    • ⤷ What are the power consumption benefits of using a fanout buffer over multiple oscillators?