データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PL500-17SC-R

  • AI
    ## Overview of PL500-17SC-R The **PL500-17SC-R** is a low-power, high-performance **Phase Locked Loop (PLL)** based frequency multiplier Integrated Circuit (IC). It is designed to work with high-frequency fundamental crystals or external clock sources to provide a stabilized clock output. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Function** | Low Phase Noise Frequency Multiplier | | **Input Frequency** | 10 MHz to 25 MHz | | **Output Frequency** | 10 MHz to 25 MHz (1x Multiplier) | | **Operating Voltage** | 2.25V to 3.63V | | **Output Type** | CMOS | | **Package** | 8-Pin SOIC (Small Outline Integrated Circuit) | | **Operating Temp** | 0°C to +70°C (Commercial) | --- ### Core Electronic Components & Architecture The internal architecture of the PL500-17SC-R consists of several critical functional blocks: 1. **Crystal Oscillator Circuit:** Designed to interface directly with a standard crystal. It includes internal load capacitance to minimize the need for external components. 2. **Phase Locked Loop (PLL):** The heart of the chip. It synchronizes the output frequency with the phase of the input reference signal, significantly reducing "jitter." 3. **Loop Filter:** An integrated filter that stabilizes the PLL and determines the bandwidth and response time of the clock signal. 4. **Output Buffer:** A CMOS driver that provides the necessary current to drive the clock signal across the PCB traces to other components. --- ### Pin Configuration (8-Pin SOIC) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | XIN | Crystal Input or External Reference Clock | | 2 | VSS | Ground Connection | | 3 | XOUT | Crystal Output (Leave floating if using external clock) | | 4 | FIN | Frequency Input (Alternative to Crystal) | | 5 | NC | No Connection | | 6 | VDD | Positive Power Supply (2.25V - 3.63V) | | 7 | CLKOUT | CMOS Clock Output | | 8 | OE | Output Enable (High = Enable, Low = High Impedance) | --- ### Typical Applications * **Networking:** Providing stable timing for Ethernet and routers. * **Consumer Electronics:** Used in Set-top boxes and digital media players. * **Embedded Systems:** Acting as a "Clock Tree" source to provide synchronized signals to Microcontrollers (MCUs) and FPGAs. * **Jitter Cleaning:** Improving the quality of a noisy input clock signal. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific jitter performance characteristics of the PL500-17SC-R?
    • ⤷ How does the 'Output Enable' pin affect power consumption in this IC?
    • ⤷ Can this IC be used with an external TCXO instead of a passive crystal?