データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PL680-37OC-R

  • AI
    ## Overview of PL680-37OC-R The **PL680-37OC-R** is a high-performance, low-phase-noise **Clock Generator IC** or **VCXO** (Voltage Controlled Crystal Oscillator) Buffer. It is manufactured by Microchip Technology (formerly PhaseLink) and is designed specifically for high-frequency synthesis in communication and networking systems. --- ### Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Clock Generator / VCXO IC | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Input Frequency Range** | 19 MHz to 40 MHz (Crystal) | | **Output Frequency Range** | Up to 800 MHz (Multiplied) | | **Operating Voltage** | 2.5V or 3.3V | | **Package Type** | SOP-8 (Small Outline Package) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Jitter Performance** | < 1ps RMS (Integrated) | --- ### Key Internal Components & Features 1. **Phase-Locked Loop (PLL):** The core of the device is a high-speed PLL that multiplies the reference frequency of an external crystal to a higher target frequency while maintaining low phase noise. 2. **LVPECL Output Driver:** It utilizes LVPECL signaling, which is ideal for high-speed data transmission (Gigabit Ethernet, Fiber Channel) because it provides excellent noise immunity and fast transition times. 3. **Frequency Multiplier:** It features integrated frequency multiplication (typically 8x, 16x, or 32x depending on the specific sub-configuration), allowing a standard low-cost crystal to generate high-frequency system clocks. 4. **Low Phase Noise:** Designed for "Clean Clock" applications, minimizing timing errors (jitter) that can lead to data corruption in high-speed circuits. --- ### Typical Applications * **Networking:** Used in routers, switches, and high-speed hubs. * **Telecommunications:** Found in SONET/SDH equipment and cellular base stations. * **Storage:** Used in Fibre Channel Host Bus Adapters (HBAs). * **Data Converters:** Providing the sampling clock for high-speed ADCs and DACs. --- ### Part Number Breakdown: `PL680-37OC-R` * **PL680:** Series identifier (High-performance clock family). * **37:** Specific internal configuration/multiplication factor. * **O:** Output type (LVPECL). * **C:** Commercial Temperature Range (0°C to 70°C). * **-R:** Shipped in Tape and Reel format for automated assembly.
    ✨ Follow-up Questions
    • What are the specific termination requirements for the LVPECL output pins?
    • How does the phase noise of the PL680-37OC-R compare to standard CMOS oscillators?
    • Are there industrial-grade alternatives to this specific commercial-grade part?