データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLA02A-050-R

  • AI
    The **PLA02A-050-R** is a specific electronic component, typically categorized as a high-precision, industrial-grade **Current Transducer** or **Hall Effect Current Sensor**. These parts are designed to monitor electrical current in a circuit and provide a proportional output signal for control systems or monitoring. --- ### Technical Specifications Below are the primary electronic characteristics of the PLA02A-050-R: | Parameter | Value/Description | | :--- | :--- | | **Technology** | Closed Loop Hall Effect | | **Nominal Current ($I_{pn}$)** | 50 Amperes (RMS) | | **Measuring Range** | 0 to ±150 A (Peak) | | **Output Type** | Current Output (Secondary current) | | **Conversion Ratio** | 1:1000 or 1:2000 (standard for this series) | | **Supply Voltage** | ±12V to ±15V DC | | **Accuracy** | High linearity (typically < 0.1%) | | **Response Time** | < 1 microsecond | --- ### Key Internal Components The "Electronic Parts" inside this module work together to achieve high accuracy without physical contact with the wire being measured: 1. **Magnetic Core:** A high-permeability ring that gathers the magnetic field generated by the primary current flowing through the center hole. 2. **Hall Element:** A semiconductor sensor located in the air gap of the core that detects the magnetic flux density. 3. **Compensation Coil (Secondary):** A winding that creates an opposing magnetic field to "cancel out" the flux, ensuring the core stays at zero flux (Closed Loop). 4. **Integrated Circuit (IC):** An internal amplifier that processes the Hall voltage and drives the compensation current. --- ### Application Usage These components are critical in power electronics for the following purposes: * **Variable Frequency Drives (VFDs):** To monitor motor current for torque and speed control. * **Uninterruptible Power Supplies (UPS):** Ensuring the battery and output stages are operating within limits. * **Solar Inverters:** Tracking the DC and AC output for grid synchronization. * **Welding Equipment:** Providing precise feedback for current regulation. --- ### Wiring Configuration Typically, the device features a 3 or 4-pin interface: * **+V:** Positive supply voltage. * **-V:** Negative supply voltage. * **M (Output):** The measurement signal (current) which is usually converted to voltage via a "burden resistor." * **GND:** Common reference point.
    ✨ Follow-up Questions
    • ⤷ What is the difference between open-loop and closed-loop Hall Effect sensors?
    • ⤷ How do I calculate the burden resistor for a 50A current sensor?
    • ⤷ What are the common failure modes for this type of current transducer?