データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLC-RSC-24DC

  • AI
    The **PLC-RSC-24DC/21** is a popular electromechanical relay interface manufactured by Phoenix Contact. It is designed to act as an interface between a controller (like a PLC) and field sensors or actuators. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24 V DC | | **Contact Type** | 1 PDT (Single Pole Double Throw / Changeover) | | **Switching Current** | 6 A (Maximum) | | **Connection Method** | Screw Connection (`RSC` stands for Relay Screw Connection) | | **Mounting Type** | DIN rail mounting (NS 35/7,5) | | **Width** | 6.2 mm (Slim design) | --- ### 2. Breakdown of Electronic Parts & Components The device consists of two main sections: the **Relay Base** and the **Plug-in Miniature Relay**. #### A. The Relay Base (PLC-BSC) The base serves as the housing and electrical interface. It contains: * **Protection Circuitry:** Usually includes a **Free-wheeling Diode** (to protect against inductive voltage spikes when the coil is de-energized) and **Reverse Polarity Protection**. * **LED Status Indicator:** A green LED that illuminates when the input voltage is applied to the coil. * **Screw Terminals:** Robust points for connecting wires from the PLC (Input side) and the Load (Output side). #### B. The Miniature Relay (REL-MR) This is the mechanical switching element inside the base. * **The Coil:** A 24V DC electromagnetic coil that creates a magnetic field when energized. * **The Armature:** A moving metal piece pulled by the magnetic field. * **Contacts:** Typically made of Silver Tin Oxide ($AgSnO_2$) or Gold-plated silver for high conductivity and durability. These open or close to control the high-power circuit. --- ### 3. Functional Principle 1. **Input:** The PLC sends a 24V DC signal to the input terminals ($A1$ and $A2$). 2. **Protection:** The internal diode prevents back-EMF from damaging the PLC output card. 3. **Induction:** The coil energizes, pulling the mechanical armature. 4. **Switching:** The common terminal ($11$) switches its connection from the Normally Closed ($12$) to the Normally Open ($14$) contact. 5. **Output:** The external load (e.g., a motor starter or valve) is powered through the contacts. --- ### 4. Advantages of this Design * **Space Saving:** At only 6.2mm wide, it allows for high-density wiring in electrical cabinets. * **Replaceability:** If the relay fails due to contact wear, the miniature relay can be unplugged and replaced without disconnecting the wires from the base. * **Bridging System:** Supports plug-in bridges to simplify common potential distribution (linking multiple $A2$ or $11$ terminals).
    ✨ Follow-up Questions
    • ⤷ What is the difference between PLC-RSC and PLC-RPT versions?
    • ⤷ How do I troubleshoot a PLC-RSC-24DC that isn't switching?
    • ⤷ What are the contact material options for specific load types?