データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLL130-07SC-R

  • AI
    ## Overview of the PLL130-07SC-R The **PLL130-07SC-R** is a high-performance, low-skew, low-jitter **VCXO (Voltage Controlled Crystal Oscillator)** IC. It is specifically designed to work with fundamental crystals or external reference clocks to provide a high-frequency differential output. This part is commonly manufactured by **Microchip Technology** (formerly PhaseLink/Micrel). --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Function** | VCXO / Clock Generator | | **Output Type** | Differential PECL (Positive Emitter-Coupled Logic) | | **Input Frequency Range** | 1 MHz to 30 MHz | | **Output Frequency Range** | Up to 150 MHz | | **Operating Voltage** | 3.3V ± 10% | | **Package Type** | SOP-8 (Small Outline Package) | | **Operating Temperature** | 0°C to +70°C (Commercial) | --- ### Major Components and Internal Structure 1. **Phase-Locked Loop (PLL):** The heart of the chip, which multiplies the input frequency to the desired output frequency. 2. **Voltage Control (V_CON):** An analog input pin that allows the user to tune the output frequency slightly (typically ±100ppm to ±200ppm) by changing the control voltage. 3. **Differential PECL Driver:** Converts the internal clock signal into high-speed differential outputs (Q and /Q), which are highly resistant to electromagnetic interference (EMI). 4. **Crystal Oscillator Circuit:** Integrated circuitry to drive an external fundamental mode crystal. --- ### Pin Configuration (SOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **V_CON** | Control Voltage input for frequency tuning. | | 2 | **XIN / REF** | Crystal input or Reference clock input. | | 3 | **XOUT** | Crystal output (leave floating if using external REF). | | 4 | **GND** | Ground connection. | | 5 | **Q** | Non-inverting PECL output. | | 6 | **/Q** | Inverting PECL output. | | 7 | **OE** | Output Enable (High = enable, Low = high impedance). | | 8 | **VDD** | 3.3V Power Supply. | --- ### Common Applications * **Networking:** Gigabit Ethernet and SONET/SDH synchronization. * **Telecommunications:** Set-top boxes and base stations. * **Clock Jitter Attenuation:** Reducing timing uncertainty in high-speed digital circuits. * **Frequency Synthesis:** Generating clean high-frequency clocks from low-cost crystals. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended termination techniques for the PECL outputs on this chip?
    • ⤷ How does the Pull-Range (APR) of the VCXO function depend on the external crystal choice?
    • ⤷ Is there an industrial temperature grade version of this part available?