データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLL520-19OC-R

  • AI
    The **PLL520-19OC-R** is a specialized high-performance Low Phase Noise Phase Locked Loop (PLL) clock generator integrated circuit, typically manufactured by PhaseLink (now part of Microchip/Micrel). It is designed to provide high-speed differential clock outputs with minimal jitter. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | PLL520-19OC-R | | **Input Frequency Range** | 20MHz to 44MHz | | **Output Frequency Range** | 622.08MHz to 800MHz (Frequency Multiplier) | | **Output Type** | Differential PECL (Positive Emitter Coupled Logic) | | **Operating Voltage** | 3.3V (Typical) | | **Package Type** | SOP-16 / TSSOP-16 | | **Jitter Performance** | Ultra-low (Typically < 1ps RMS) | --- ### 2. Core Electronic Components & Functions The internal architecture of the PLL520-19 consists of several critical stages: 1. **Crystal Oscillator Interface:** It accepts a fundamental crystal or a reference clock. The "19" variant is specifically tuned for high-frequency multiplication ratios (often used for SONET/SDH frequencies like 622.08 MHz). 2. **Phase Frequency Detector (PFD) & Charge Pump:** Compares the phase of the input clock to the feedback clock to adjust the internal Voltage Controlled Oscillator (VCO). 3. **Internal VCO:** A high-speed oscillator that generates the high-frequency output signal. The "low phase noise" designation indicates the VCO is highly stable against power supply noise. 4. **Differential PECL Drivers:** The output stage uses **Positive Emitter Coupled Logic**. This requires specific termination (usually 50 ohms to $V_{CC} - 2V$) to ensure signal integrity at high speeds. --- ### 3. Pinout Overview (Standard SOP-16) While you should always consult the specific datasheet for the layout, the typical functional pins are: * **VDD / VSS:** Power and Ground pins. * **XIN / XOUT:** Connection points for the reference crystal. * **OE (Output Enable):** Controls whether the clock output is active. * **CLK+ / CLK-:** The differential PECL output pair. * **FIN:** Frequency input (if using an external reference instead of a crystal). --- ### 4. Application Use Cases Because of its high frequency and low jitter, the **PLL520-19OC-R** is found in: * **Fiber Optic Networking:** Generating the carrier clock for SONET/SDH modules. * **Gigabit Ethernet:** High-speed data synchronization. * **Storage Area Networks (SAN):** Used in Fibre Channel switches. * **Test & Measurement:** Precise clocking for high-speed logic analyzers. ---
    ✨ Follow-up Questions
    • What is the recommended termination circuit for the PECL outputs of this chip?
    • How does the PLL520-19 compare to the PLL520-20 variant?
    • What crystal specifications are required for optimal stability with this PLL?