データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLL601-01OC-R

  • AI
    The **PLL601-01OC-R** is a high-performance, low-power Clock Generator integrated circuit (IC) primarily used for frequency synthesis in communication and networking equipment. It is manufactured by PhaseLink (now part of Microchip Technology). --- ## 1. Technical Specifications Below are the primary electrical and functional parameters for this specific part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Clock Generator / Frequency Multiplier | | **Package** | 8-Pin SOIC (Small Outline Integrated Circuit) | | **Input Frequency Range** | 10 MHz to 27 MHz (Crystal or Reference Clock) | | **Output Frequency Range** | Up to 160 MHz | | **Supply Voltage (VDD)** | 3.3V ± 10% | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Output Type** | CMOS / TTL | | **Multiplication Factor** | Typically 1x to 8x (Depending on configuration) | --- ## 2. Key Internal Components The IC operates using a standard **Phase-Locked Loop (PLL)** architecture. Its internal structure consists of three main stages: ### A. Phase Detector & Charge Pump This section compares the phase of the input reference clock (from a crystal) with the feedback signal. It generates an error signal that adjusts the internal oscillator to match the desired frequency. ### B. Voltage Controlled Oscillator (VCO) The VCO is the heart of the chip. It produces the high-frequency clock signal. The "low-jitter" design of the PLL601 series ensures that the output clock is stable enough for high-speed data transmission. ### C. Output Dividers/Buffers The final stage scales the VCO frequency to the specific output required by the system. The "OC-R" suffix typically denotes the specific output configuration and RoHS compliance (Tape & Reel packaging). --- ## 3. Pin Configuration (8-Pin SOIC) The standard pinout for the PLL601-01 series is organized to minimize noise interference: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | XIN / CLK | Crystal Input or Reference Clock Input | | 2 | XOUT | Crystal Output (Leave floating if using external clock) | | 3 | VDD | Power Supply (3.3V) | | 4 | GND | Ground | | 5 | CLKOUT | Main Clock Output | | 6-8 | S0, S1, OE | Selection Pins (Multiplication factor) & Output Enable | --- ## 4. Typical Applications This part is commonly found in electronics where a stable, high-speed clock is needed from a low-speed, inexpensive crystal: * **Networking:** Routers, Switches, and Hubs. * **Storage:** Fiber Channel and SATA controllers. * **Computing:** Embedded systems and motherboards requiring specific bus speeds.
    ✨ Follow-up Questions
    • ⤷ What are the specific multiplication settings for the S0 and S1 pins on this IC?
    • ⤷ How does the jitter performance of the PLL601-01 compare to standard oscillators?
    • ⤷ Is there an industrial temperature grade version of this part?