PLL602-03HSC-R
AI

The **PLL602-03HSC-R** is a high-performance, low-power Clock Frequency Multiplier integrated circuit (IC) developed by Microchip (formerly PhaseLink). It is specifically designed to work with fundamental crystals to produce a high-frequency, low-jitter output.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Clock Multiplier / Frequency Synthesizer |
| **Input Frequency** | 12 MHz to 25 MHz (Fundamental Crystal) |
| **Output Frequency** | 48 MHz to 100 MHz (4x Multiplier) |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Operating Voltage** | 3.3V (± 10%) |
| **Output Type** | CMOS |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 2. Key Features and Internal Components
The "PLL" in the part number stands for **Phase-Locked Loop**, which is the core technology used to stabilize and multiply the clock signal.
### Core Architecture
* **Crystal Oscillator Circuit:** Designed to drive a standard fundamental crystal without needing external capacitors (in most layouts).
* **Phase-Locked Loop (PLL):** Multiplies the input crystal frequency by a factor of 4.
* **Output Buffer:** A CMOS output stage capable of driving 15pF loads with fast rise and fall times.
### Performance Benefits
* **Low Jitter:** Optimized to provide a stable clock for timing-sensitive applications like networking and digital video.
* **Space Saving:** By using a low-frequency crystal to generate a high-frequency clock, it reduces the cost and space required for high-frequency fundamental crystals, which are fragile and expensive.
---
## 3. Pin Configuration (SOP-8)
Below is the standard pinout description for the PLL602-03HSC-R:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | XIN | Crystal Input |
| 2 | XOUT | Crystal Output |
| 3 | VDD | Power Supply (3.3V) |
| 4 | GND | Ground |
| 5 | CLKOUT | CMOS Clock Output |
| 6-8 | NC | No Connection (Reserved) |
---
## 4. Part Number Breakdown
Understanding the suffix helps in sourcing the exact component:
* **PLL602-03:** Base part number and design revision.
* **H:** High Drive (Output capability).
* **S:** SOP Package.
* **C:** Commercial Temperature Range.
* **-R:** Tape and Reel packaging (for automated assembly).
---
- ⤷
What are the typical application scenarios for this clock multiplier?
- ⤷ Can this IC be used with an external clock source instead of a crystal?
- ⤷ What are the specific jitter measurements for the PLL602-03?