データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLL602-20SI-R

  • AI
    ### Technical Overview of PLL602-20SI-R The **PLL602-20SI-R** is a high-performance, low-power **VCXO (Voltage Controlled Crystal Oscillator)** IC designed by PhaseLink (now part of Microchip Technology). It is specifically engineered to produce a high-frequency output from a standard low-frequency crystal input, making it ideal for clock generation in communications and video equipment. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Input Frequency Range** | 10MHz to 27MHz (Crystal or Reference) | | **Output Frequency Range** | Up to 200MHz | | **Supply Voltage (VDD)** | 3.3V (±10%) | | **Output Type** | CMOS / TTL | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SOP-8 (Standard Outline Package) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### Internal Electronic Architecture The device consists of several critical internal stages: 1. **VCXO Block**: Contains the circuitry to interface with an external crystal. It uses an analog control voltage (VIN) to pull the crystal frequency, allowing for fine-tuning or synchronization. 2. **Phase-Locked Loop (PLL)**: This is the "multiplier" core. It takes the reference frequency from the VCXO and multiplies it to the desired high-frequency output using an internal VCO (Voltage Controlled Oscillator). 3. **Frequency Dividers**: Internal programmable dividers set the multiplication ratio to determine the final output frequency. 4. **Output Buffer**: A CMOS driver that ensures signal integrity for the clock signal as it travels to other components on the PCB. --- ### Pin Configuration (SOP-8) | Pin # | Pin Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Voltage control input for frequency pulling. | | 2 | **XIN** | Crystal interface or Reference Clock input. | | 3 | **GND** | Ground connection. | | 4 | **XOUT** | Crystal interface (leave floating if using Ref Clock). | | 5 | **CLKOUT** | CMOS Clock output. | | 6 | **VDD** | Power supply (3.3V). | | 7 | **FIN** / NC | Frequency selection or No Connect (varies by sub-model). | | 8 | **OE** | Output Enable (High = Active, Low = High Impedance). | --- ### Applications * **Set-Top Boxes / HDTV**: For video synchronization. * **Networking**: Clock generation for Ethernet or xDSL equipment. * **Data Converters**: Providing low-jitter clocking for ADCs and DACs. * **Instrumentation**: General-purpose frequency synthesis where low phase noise is required. ---
    ✨ Follow-up Questions
    • ⤷ What are the jitter performance characteristics of the PLL602 series?
    • ⤷ How does the 'pulling range' work in this VCXO?
    • ⤷ What is the difference between the 'SI' and 'SC' suffixes in this part number?