PLL602-35OCL-R
AI

The **PLL602-35OCL-R** is a high-performance, low-power Clock Generator IC specifically designed for high-speed communication and networking applications. It is manufactured by Microchip Technology (originally PhaseLink).
---
## 1. Core Technical Specifications
The device is primarily used to generate a low-jitter differential signal (LVPECL) from a standard crystal input.
| Feature | Specification |
| :--- | :--- |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Input Frequency** | 17MHz to 33.33MHz (Crystal or Reference) |
| **Multiplication Factor** | 4x (e.g., 25MHz input yields 100MHz output) |
| **Operating Voltage** | 2.5V or 3.3V |
| **Package** | SOT-23 (6-pin) |
| **Temperature Range** | 0°C to +70°C (Commercial) |
| **Jitter** | < 10ps RMS Period Jitter |
---
## 2. Key Internal Components
The "PLL" in the part number stands for **Phase-Locked Loop**, which is the heart of this electronic component.
### A. The Phase-Locked Loop (PLL)
The internal PLL acts as a frequency multiplier. It synchronizes an internal oscillator with the input frequency to ensure the output is stable and precisely four times the input frequency.
### B. Differential LVPECL Driver
Unlike standard CMOS outputs that swing from 0V to VCC, this part uses LVPECL.
- **Benefits:** High speed, low noise, and excellent common-mode rejection.
- **Requirement:** It requires two output pins (Complementary outputs) to transmit the signal.
### C. Crystal Oscillator Circuit
The IC includes internal capacitors and an amplifier to drive a standard AT-cut crystal without needing many external load components.
---
## 3. Pinout Configuration (SOT-23-6)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | XIN / CLK | Crystal or Reference Clock Input |
| 2 | VSS | Ground |
| 3 | XOUT | Crystal Output (Leave floating if using external clock) |
| 4 | PECL_OUT+ | Non-Inverting LVPECL Output |
| 5 | PECL_OUT- | Inverting LVPECL Output |
| 6 | VDD | Power Supply (2.5V or 3.3V) |
---
## 4. Part Number Breakdown
Understanding the suffix helps in sourcing the exact part:
* **PLL602-35:** Base part number (17-33MHz input range).
* **O:** Output type (LVPECL).
* **C:** Commercial Temperature (0°C to 70°C).
* **L:** Lead-Free / RoHS Compliant.
* **-R:** Tape and Reel packaging.
---
- ⤷
What are the specific termination requirements for the LVPECL outputs of this IC?
- ⤷ Can this IC be used with an external CMOS clock instead of a crystal?
- ⤷ What are the common applications for 100MHz LVPECL signals generated by this part?