データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLL602-38OCL-R

  • AI
    ## Electronic Analysis of the PLL602-38OCL-R The **PLL602-38OCL-R** is a high-performance, low-phase-noise Phase Locked Loop (PLL) clock generator integrated circuit (IC) manufactured by **Microchip Technology** (originally part of the PhaseLink/Micrel line). It is specifically designed for high-speed networking and storage applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | LVDS (Low-Voltage Differential Signaling) | | **Input Frequency** | 25 MHz (Crystal or Clock) | | **Output Frequency** | 625 MHz | | **Operating Voltage** | 2.5V or 3.3V (±10%) | | **Package Type** | SOT-23 (6-Pin) | | **Operating Temperature** | 0°C to +70°C (Commercial) | | **Jitter (RMS)** | < 1 ps (Integrated 12 kHz to 20 MHz) | --- ### 2. Functional Components The "Electronic Parts" within this IC consist of several integrated stages that work together to synthesize a high-frequency clock from a low-frequency source: 1. **Crystal Oscillator Interface:** Built-in circuitry to support an external 25 MHz fundamental crystal or a reference clock input. 2. **Phase Locked Loop (PLL):** The core engine that multiplies the 25 MHz input. It consists of a Phase Frequency Detector (PFD), a Low Pass Filter (LPF), and a Voltage Controlled Oscillator (VCO). 3. **Frequency Multiplier:** Specifically tuned to provide a **25x multiplication** factor (25 MHz x 25 = 625 MHz). 4. **Differential Output Driver (LVDS):** Converts the internal high-frequency signal into a differential LVDS output. LVDS is used to minimize electromagnetic interference (EMI) and ensure signal integrity over high-speed PCB traces. --- ### 3. Pin Configuration (SOT-23-6) | Pin # | Symbol | Description | | :--- | :--- | :--- | | 1 | XIN / CLK | Crystal input or reference clock input. | | 2 | VSS | Ground connection. | | 3 | XOUT | Crystal output (Leave floating if using external clock). | | 4 | OUT+ | Positive LVDS output. | | 5 | OUT- | Negative LVDS output. | | 6 | VDD | Power supply (2.5V or 3.3V). | --- ### 4. Circuit Design Considerations * **Decoupling:** A 0.01µF or 0.1µF ceramic capacitor should be placed as close as possible to the **VDD** pin to filter high-frequency noise. * **Termination:** As an LVDS device, it requires a **100Ω differential termination** resistor at the receiver end of the transmission line to prevent signal reflections. * **Crystal Selection:** Use a fundamental mode crystal with a load capacitance (CL) that matches the IC specifications (typically 18pF) for optimal frequency accuracy. --- ### 5. Common Applications * **Gigabit Ethernet:** Specifically for 10GbE and higher networking standards. * **Fibre Channel:** Storage area networks. * **SONET/SDH:** Optical telecommunications equipment. * **High-speed ADCs/DACs:** Acting as a low-jitter sampling clock. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '-R' suffix in this part number?
    • ⤷ How does the phase noise of this IC compare to standard crystal oscillators?
    • ⤷ Can this IC be used with a 1.8V power supply?