データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLL620-05QCL-R

  • AI
    ## Technical Overview: PLL620-05QCL-R The **PLL620-05QCL-R** is a high-performance, low-phase-noise Frequency Multiplier IC specifically designed for high-frequency clock generation. It is commonly used in networking, telecommunications, and storage applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (PhaseLink Products) | | **Part Function** | Low Phase Noise Frequency Multiplier | | **Output Type** | PECL (Positive Emitter Coupled Logic) | | **Input Frequency Range** | 625 MHz to 800 MHz | | **Output Frequency Range** | 625 MHz to 800 MHz | | **Operating Voltage** | 3.3V (Typical) | | **Package Type** | SOP-16 / TSSOP-16 | | **Temperature Range** | 0°C to +70°C (Commercial) | --- ### 2. Functional Components The "Electronic Parts" within this IC consist of several integrated blocks that work together to stabilize and multiply clock signals: 1. **Phase Detector (PD):** Compares the phase of the input reference signal with the feedback signal. 2. **Charge Pump (CP):** Converts the digital output of the phase detector into an analog current. 3. **Voltage Controlled Oscillator (VCO):** Generates the output frequency. The PLL620 series is specifically optimized for very low "jitter," which refers to tiny variations in clock timing. 4. **Loop Filter:** External or internal components that smooth the charge pump output to provide a stable control voltage for the VCO. 5. **PECL Output Driver:** A differential output stage that provides high-speed signal integrity over transmission lines. --- ### 3. Pin Configuration (Simplified) Below is a representation of the typical pinout logic for the PLL620-05 series: ```text Pin Name | Function ---------|--------------------------------------------- XIN/FIN | Crystal Input or Reference Clock Input VCC | Positive Power Supply (3.3V) GND | Ground Connection OUT | Differential PECL Output (Positive) OUTB | Differential PECL Output (Negative) OE | Output Enable (Controls signal output) ``` --- ### 4. Application Use Cases This part is primarily utilized in environments where timing precision is critical: * **Fiber Channel:** For high-speed data transfer in SANs. * **Gigabit Ethernet:** Ensuring synchronized data packets. * **SONET/SDH:** Telecommunication infrastructure requiring extremely low jitter.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PECL and LVDS output types in PLLs?
    • ⤷ How do I calculate the external loop filter values for this specific IC?
    • ⤷ Are there automotive-grade equivalents for the PLL620 series?