データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLL701-11SI-R

  • AI
    The **PLL701-11SI-R** is a specialized high-performance Low Phase Noise Phase-Locked Loop (PLL) Clock Generator, originally developed by PhaseLink (acquired by Micrel, now part of Microchip Technology). It is designed to provide high-frequency clock outputs with extremely low jitter. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Function** | Low Phase Noise Clock Multiplier | | **Input Frequency Range** | 10MHz to 27MHz (Crystal or Reference) | | **Output Frequency Range** | Up to 200MHz | | **Operating Voltage** | 3.3V (±10%) | | **Package Type** | SOP-8 (Standard Outline Package) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Output Type** | CMOS | --- ### 2. Core Electronic Components & Architecture The internal structure of the PLL701-11SI-R consists of several critical blocks: * **Phase Frequency Detector (PFD):** Compares the phase of the input reference clock with the feedback clock from the VCO. * **Charge Pump (CP) & Internal Loop Filter:** Converts the phase error into a control voltage. The "11" variant typically features an integrated loop filter to minimize external component count. * **Voltage Controlled Oscillator (VCO):** Generates the high-frequency signal based on the control voltage. * **Output Dividers/Buffers:** Scales the VCO frequency to the desired output level and provides the drive strength (SOP-8 pinout) for the PCB traces. --- ### 3. Part Number Breakdown Understanding the suffix is crucial for sourcing and PCB design: | Suffix | Meaning | |:---:|:---| | **PLL701** | Base Part Family (Low Phase Noise Series) | | **-11** | Specific configuration/multiplier ratio | | **S** | Package Code (SOP - Small Outline Package) | | **I** | Temperature Grade (Industrial: -40°C to +85°C) | | **-R** | Packing Media (Tape & Reel) | --- ### 4. Typical Application Circuit In a standard design, the chip requires minimal external components: ```c // Basic Connection Diagram [Crystal 10-27MHz] --> Pins 1 & 2 (XIN/XOUT) [VCC 3.3V] --> Pin 8 (With 0.1uF Decoupling Cap) [GND] --> Pin 4 [Clock Out] --> Pin 5 (To MCU/FPGA/ASIC) ``` --- ### 5. Main Advantages 1. **Low Jitter:** Optimized for noise-sensitive applications like high-speed networking or audio/video processing. 2. **Space Efficiency:** The SOP-8 footprint is small and the integrated loop filter saves board space. 3. **Low Power:** Designed for 3.3V systems with optimized current consumption.
    ✨ Follow-up Questions
    • ⤷ What are the direct functional equivalents for the PLL701-11SI-R?
    • ⤷ How does the phase noise of this part compare to standard crystal oscillators?
    • ⤷ What is the specific multiplication factor for the -11 variant?