データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLO15A-RKI

  • AI
    The **PLO15A-RKI** is a specialized high-performance Power Line Carrier (PLC) coupling unit often used in smart grid infrastructure and industrial communication. It functions as an interface between communication equipment and high-voltage power lines. --- ### Core Electronic Components and Functions The internal circuitry of the PLO15A-RKI is designed to manage signal isolation, impedance matching, and surge protection. | Component Category | Primary Function | Electronic Details | |:---|:---|:---| | **Coupling Transformer** | Galvanic Isolation | Provides a safety barrier between the high-voltage line and the low-voltage communication hardware. | | **Matching Transformer** | Impedance Alignment | Adjusts the characteristic impedance of the power line to match the 50Ω or 75Ω equipment input. | | **Bandpass Filter** | Signal Selection | Attenuates 50/60Hz power frequencies while allowing high-frequency data signals (typically 30kHz–500kHz) to pass. | | **Surge Arrestors** | Protection | Gas discharge tubes (GDTs) or Varistors that clamp over-voltage transients from lightning or switching. | | **Drain Coil** | Safety Grounding | Drains power-frequency leakage current to the ground to prevent high-voltage buildup on the communication side. | --- ### Technical Specifications Typical electronic characteristics for this class of device include: * **Frequency Range:** Usually optimized for CENELEC, FCC, or ARIB bands (35 kHz to 450 kHz). * **Insertion Loss:** Typically $< 2 \text{ dB}$ within the operating bandwidth. * **Return Loss:** High return loss ($> 12 \text{ dB}$) to ensure minimal signal reflection. * **Insulation Voltage:** Designed to withstand several kilovolts (kV) depending on the specific grid application. ### Connection Architecture ```mermaid graph LR A[Power Line] <--> B[PLO15A-RKI Unit] B <--> C[PLC Modem/Transceiver] style B fill:#f9f,stroke:#333,stroke-width:2px ``` 1. **High-Voltage Side:** Connected to the power line via a coupling capacitor. 2. **Internal Circuitry:** Filters the 50/60Hz noise and matches the signal. 3. **Low-Voltage Side:** Connected via BNC or terminal blocks to the PLC modem. --- ### Operational Safety Features * **Hybrid Transformer Design:** Ensures that even if one component fails, the high voltage does not leak into the communication room. * **Weatherproof Enclosure:** Usually rated IP65 or higher to protect internal electronic components from oxidation and moisture.
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency bands supported by the PLO15A-RKI?
    • ⤷ How does the impedance matching feature improve data transmission rates?
    • ⤷ What is the recommended maintenance procedure for the surge protection components?