データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PLO3A-RKI

  • AI
    The **PLO3A-RKI** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications While specific datasets can vary slightly by manufacturer, the PLO3A series generally follows these electronic parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | Specified by the "RKI" or numerical suffix | | **Tolerance** | Usually ±20% (M) or ±10% (K) | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Ferrite or Composite Iron Powder | | **Shielding** | Often Magnetically Shielded (to reduce EMI) | --- ### 2. Functional Role in Circuits The PLO3A-RKI serves three primary roles in an electronic assembly: * **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. * **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through. * **Voltage Regulation:** It is a critical component in DC-DC converters (Buck or Boost converters) to smooth out output voltage ripples. --- ### 3. Electronic Characteristics 1. **DCR (DC Resistance):** This represents the resistance of the wire used in the inductor. A lower DCR is preferred to minimize power loss as heat. 2. **Saturation Current ($I_{sat}$):** The maximum current level where the inductance drops by a specific percentage (usually 20-30%). Exceeding this causes the part to lose efficiency. 3. **RMS Current ($I_{rms}$):** The continuous current that causes the temperature of the part to rise by a specific amount (usually 40°C). --- ### 4. Common Applications * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Power Supplies:** Small form-factor DC-DC converter modules. * **Communication Equipment:** Base stations and networking hardware where EMI shielding is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value represented by the 'RKI' suffix?
    • ⤷ How does the magnetic shielding in the PLO3A series compare to unshielded inductors?
    • ⤷ What are the recommended soldering profiles for this specific SMD part?