データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PM-R65-P

  • AI
    ## PM-R65-P: Electronic Component Overview The **PM-R65-P** is a micro photo-electric sensor manufactured by **Panasonic (formerly SUNX)**. It belongs to the PM-65 series and is widely used for high-precision sensing in automated machinery. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Sensing Type** | Through-beam (U-shaped) | | **Sensing Distance** | 6 mm (Fixed) | | **Minimum Sensing Object** | 0.5 x 1.0 mm opaque object | | **Supply Voltage** | 5 to 24 V DC ±10% | | **Output Type** | PNP Open-collector transistor | | **Output Operation** | Dual output: Light-ON / Dark-ON | | **Current Consumption** | 15 mA or less | | **Response Time** | 20 µs or less under light received | --- ### 2. Internal Electronic Components & Design The sensor is a self-contained unit consisting of several critical electronic sub-systems: #### A. Infrared Emitter * **Component:** Gallium Arsenide (GaAs) Infrared LED. * **Function:** Emits a narrow beam of light across the 6mm gap. The peak emission wavelength is typically around 880nm (invisible to the human eye). #### B. Phototransistor Receiver * **Component:** High-speed Silicon Phototransistor. * **Function:** Located directly opposite the LED. It converts the received light intensity into an electrical current. #### C. Signal Processing Circuitry * **Schmitt Trigger:** Integrated into the internal ASIC to provide "snap-action" switching, preventing output chatter when the object is on the edge of the beam. * **Oscillator/Modulator:** Some versions use modulated light to provide immunity against ambient light (though many PM-series sensors use unmodulated continuous light for ultra-fast response times). #### D. PNP Output Stage * **Transistor:** A PNP Bipolar Junction Transistor (BJT). * **Behavior:** When triggered, it connects the output load to the **Positive** rail (+V). This is common in European and North American industrial standards. --- ### 3. Wiring Diagram Logic The device typically features a 4-pin global connector or integrated cable with the following logic: ```markdown 1. Brown: +V (5-24V DC) 2. White: Output 2 (Light-ON) 3. Blue: 0V (GND) 4. Black: Output 1 (Dark-ON) ``` ### 4. Physical Dimensions and Form Factor The **"R"** in PM-R65-P designates the **R-shape** (Right-angle style). * **Housing:** Polycarbonate. * **Slit Width:** 0.5 mm (This defines the high precision of the sensing beam). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PNP (PM-R65-P) and NPN versions of this sensor?
    • ⤷ How do you wire the PM-R65-P to a PLC input card?
    • ⤷ Can this sensor be used for high-speed RPM counting?