データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PM1210-R033K

  • AI
    The **PM1210-R033K** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal filtering applications. It is manufactured by companies like Bourns. ### Technical Specifications Below are the key electrical and physical parameters for the PM1210-R033K: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.033 µH (33 nH) | | **Tolerance** | ±10% (denoted by 'K') | | **Case Size (EIA)** | 1210 (3.2 x 2.5 mm) | | **Rated Current (max)** | 450 mA | | **DC Resistance (DCR max)** | 0.13 Ω | | **Self-Resonant Frequency (min)** | 450 MHz | | **Quality Factor (Q min)** | 30 | --- ### Component Breakdown #### 1. Inductance & Tolerance * **0.033 µH:** This is a low-inductance value, making it suitable for high-frequency circuits. * **±10% (K):** The 'K' at the end of the part number indicates the tolerance level. While 10% is standard, applications requiring extreme precision might look for 'J' (5%). #### 2. Construction (Wire-Wound) Unlike multilayer inductors, the wire-wound construction of the 1210 series allows for: * **Higher Q-Factors:** Lower loss at high frequencies. * **Higher Current Handling:** Better thermal performance and lower DCR compared to smaller chip inductors. #### 3. Package Size (1210) The 1210 footprint (3.2mm length x 2.5mm width) provides a balance between PCB space-saving and the physical robustness needed to handle up to 450mA of current. --- ### Common Applications Due to its high resonant frequency and low resistance, this part is typically found in: * **RF Communication:** Matching circuits and signal filters. * **Voltage Regulators:** Small-scale DC-DC converters for noise suppression. * **Consumer Electronics:** Mobile devices, GPS modules, and high-speed data lines. --- ### Example Schematic Symbol (Logic) ```text L1 ---(uuu)--- 33nH, 10% ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the PM1210 and PM1210H series?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the equivalent alternatives from other manufacturers like Murata or TDK?