データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PM20-R033M

  • AI
    The **PM20-R033M** is a specific surface-mount electronic component, primarily categorized as a **Fixed Inductor** (specifically part of a wire-wound chip inductor series). These components are essential in managing current flow and filtering noise in compact electronic circuits. ### 1. General Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Wire-wound) | | **Inductance** | 0.033 µH (33 nH) | | **Tolerance** | ±20% (indicated by the 'M') | | **Package Size** | 1210 (Inch) / 3225 (Metric) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Detailed Electrical Characteristics Based on the standard data for the PM20 series (often manufactured by companies like Bourns), the R033M variation typically features the following: * **Inductance (L):** 0.033 microhenries. The "R" acts as a decimal point in the part code. * **Quality Factor (Q):** Usually has a minimum Q value around 30 at a specific test frequency (e.g., 100 MHz). * **Self-Resonant Frequency (SRF):** Very high, typically exceeding 500 MHz, making it suitable for high-frequency applications. * **Rated Current (Idc):** Generally rated for relatively high current (approx. 400mA to 800mA depending on the specific manufacturer's thermal rating). * **DC Resistance (DCR):** Very low (typically < 0.2 Ohms), which minimizes power loss as heat. --- ### 3. Construction and Material The PM20 series is designed for durability and precision: * **Core Material:** Usually a non-magnetic (phenolic) or ceramic core, given the low inductance value. * **Encapsulation:** Molded epoxy resin which provides excellent mechanical strength and resistance to environmental factors like moisture and vibration. * **Terminations:** Lead-free (RoHS compliant) solder-plated copper or copper alloy. --- ### 4. Common Applications Due to its small 1210 footprint and low inductance, the PM20-R033M is commonly found in: 1. **RF Circuits:** Used in matching networks and high-frequency filters. 2. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive ICs. 3. **Mobile Devices:** Power management in cellular phones and tablets. 4. **Telecommunications:** Signal processing in routers and base stations.
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'M' tolerance affect circuit performance in RF applications?
    • ⤷ Can this inductor be used in high-temperature automotive environments?