データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PMS-D-R

  • AI
    The **PMS-D-R** is a high-precision digital differential pressure sensor commonly used in industrial automation, HVAC systems, and medical equipment. It belongs to a category of sensors that utilize MEMS (Micro-Electro-Mechanical Systems) technology to convert air pressure differences into electrical signals. --- ### 1. Key Electronic Components The internal architecture of the PMS-D-R is composed of several critical electronic stages: | Component | Function | | :--- | :--- | | **MEMS Pressure Cell** | The sensing element that physically deforms under pressure, changing its electrical resistance (Piezoresistive effect). | | **ASIC (Integrated Circuit)** | The "brain" of the sensor. It handles signal amplification, noise filtering, and temperature compensation. | | **ADC (Analog-to-Digital Converter)** | Converts the low-level analog voltage from the MEMS cell into a high-resolution digital value. | | **I2C/Digital Interface** | The communication hardware that allows a microcontroller (like Arduino or PLC) to read the data. | | **EEPROM** | Stores factory calibration constants specific to that individual sensor unit. | --- ### 2. Technical Specifications The electronics are designed to operate within specific parameters to ensure stability and accuracy. * **Operating Voltage:** Typically **3.3V or 5V DC** (depending on the specific sub-model). * **Output Signal:** Digital **I2C** (Inter-Integrated Circuit) protocol. * **Resolution:** High bit-depth (often 14-bit or 16-bit) to detect minute changes in air pressure. * **Response Time:** Rapid sampling rates, often under **10ms**, suitable for real-time monitoring. --- ### 3. Electronic Protection & Integration To ensure the longevity of the electronic parts, the PMS-D-R includes: 1. **ESD Protection:** Built-in protection against electrostatic discharge during installation. 2. **Temperature Compensation:** Because electronic resistance changes with heat, the internal ASIC automatically adjusts the output to ensure the pressure reading remains accurate between -20°C and +85°C. 3. **Reverse Polarity Protection:** Prevents the internal circuits from burning out if the power supply wires are connected backwards. --- ### 4. Typical Wiring Pinout For electronic integration, the sensor usually features a 4-pin or 5-pin connector: | Pin Number | Label | Description | | :--- | :--- | :--- | | 1 | **VDD** | Power Supply Input (+) | | 2 | **GND** | Ground (-) | | 3 | **SDA** | I2C Serial Data Line | | 4 | **SCL** | I2C Serial Clock Line |
    ✨ Follow-up Questions
    • ⤷ How do I interface the PMS-D-R sensor with an Arduino using I2C?
    • ⤷ What is the maximum pressure range supported by the PMS-D-R series?
    • ⤷ What are the common troubleshooting steps if the sensor returns a '0' value?