データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PNS-2D-R

  • AI
    The **PNS-2D-R** is a high-precision digital proximity sensor and displacement measurement device, typically used in industrial automation for measuring distance, thickness, and positioning. Below is an explanation of its electronic components and functional architecture. --- ## 1. Core Electronic Components The device operates using a combination of optoelectronics and digital signal processing. | Component Type | Function | | :--- | :--- | | **CMOS/CCD Image Sensor** | Captures the reflected laser light to determine position through triangulation. | | **Laser Diode (LD)** | The light source (typically Red Semiconductor Laser) that emits the measuring beam. | | **ASIC/Microcontroller** | Processes raw analog signals from the sensor into digital distance data. | | **D/A Converter** | Converts digital measurements into analog voltage (0–5V) or current (4–20mA) outputs. | | **Output Transistors** | NPN or PNP open-collector transistors for discrete switching signals. | --- ## 2. Technical Specifications Understanding the electronic limits is crucial for integration into control systems. ### Electrical Characteristics * **Supply Voltage:** 12 to 24V DC (±10% ripple). * **Current Consumption:** Typically < 150mA. * **Response Time:** Adjustable (usually ranges from 1.5ms to 500ms depending on filtering settings). * **Circuit Protection:** Reverse polarity protection and short-circuit protection on output lines. --- ## 3. Signal I/O Interface The PNS-2D-R usually features a multi-core cable or an M12 connector with the following electronic interfaces: 1. **Analog Output:** Provides a linear voltage or current proportional to the measured distance. 2. **Control Input (Bank/Zero):** Allows for remote zero-resetting or switching between internal parameter banks using a PLC pulse. 3. **Switching Output (Control):** Provides High/Low signals based on user-defined thresholds (High, Go, Low). --- ## 4. Operational Diagram ```mermaid graph LR A[Laser Diode] --> B[Target Surface] B --> C[Receiver Lens] C --> D[CMOS Sensor] D --> E[Signal Processor] E --> F[Digital Display] E --> G[Analog/Digital Output] ``` ### Key Electronic Features: * **Automatic Sensitivity Control:** The electronics adjust the laser intensity based on the reflectivity of the target material (e.g., black rubber vs. shiny metal). * **Digital Filtering:** Built-in algorithms to reduce electronic noise and stabilize the measurement in vibrating environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for NPN vs PNP versions of this sensor?
    • ⤷ How do I calibrate the analog output range for specific distances?
    • ⤷ What is the maximum sampling frequency of the PNS-2D-R?