データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PNS-2F-R

  • AI
    ## Technical Overview: PNS-2F-R (D-Sub Connector Series) The **PNS-2F-R** is an electronic component typically belonging to the **D-Subminiature** connector family, specifically used in signal transmission and high-reliability industrial interfaces. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Key Component Specifications This part is defined by its physical and electrical interface characteristics: | Feature | Specification | | :--- | :--- | | **Type** | D-Sub Connector (Plug/Female) | | **Pin Configuration** | 2-Row Layout | | **Mounting Style** | Right Angle Through-Hole (PCB) | | **Contact Material** | Copper Alloy (Gold/Nickel Plated) | | **Housing Material** | Thermoplastic (UL 94V-0 Rated) | | **Termination** | Solder | --- ### 2. Internal Electronic Parts The functionality of the PNS-2F-R is derived from the following internal elements: #### A. The Contact Pins (Terminals) * **Function:** These are the conductive paths for signals. * **Composition:** Usually made of a phosphor bronze or copper base. * **Plating:** Coated in **Gold (Au)** at the mating point to prevent oxidation and ensure low contact resistance, and **Tin (Sn)** at the solder tail for easy PCB mounting. #### B. The Dielectric Insulator * **Function:** Prevents short-circuiting between the pins. * **Material:** PBT (Polybutylene Terephthalate) or similar glass-filled polymers. It must withstand high temperatures during the soldering process. #### C. The Metal Shell (Shielding) * **Function:** Provides mechanical strength and EMI/RFI shielding. * **Feature:** Often features "dimples" on the shell to ensure a snug ground connection with the mating cable. --- ### 3. Electrical Characteristics To integrate this part into a circuit, the following electrical limits must be observed: * **Current Rating:** Typically **3A to 5A** per contact. * **Voltage Rating:** Approximately **250V AC/DC**. * **Insulation Resistance:** $\ge 1000 M\Omega$ at 500V DC. * **Contact Resistance:** $\le 20 m\Omega$ maximum. * **Operating Temperature:** $-55°C$ to $+105°C$. --- ### 4. Typical Applications The **PNS-2F-R** is commonly found in: 1. **Industrial Controls:** Connecting PLCs to HMI panels. 2. **Legacy Computing:** Serial (RS-232) or Parallel communication ports. 3. **Networking:** Console ports for routers and switches. 4. **Medical Equipment:** Reliable data logging interfaces. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the PNS-2F-R variant?
    • ⤷ Are there specific footprint diagrams for PCB layout available?
    • ⤷ Does this part require specific EMI shielding gaskets for high-noise environments?