PPC-6121-R8IAO
AI

The **PPC-6121-R8IAO** is a high-performance industrial panel PC designed for automation, human-machine interface (HMI), and IoT applications. It is built on a modular architecture that combines a high-definition touch display with a powerful embedded computer system.
---
### Core Electronic Specifications
The internal hardware is centered around the Intel 8th/9th Generation Core processor family, providing significant computational power for industrial tasks.
| Component | Specification Details |
| :--- | :--- |
| **Processor (CPU)** | Intel® 8th/9th Gen Core™ i7/i5/i3, Pentium® or Celeron® LGA1151 socket |
| **Chipset** | Intel® H310C Chipset |
| **Memory (RAM)** | 2 x 260-pin DDR4 2400/2666MHz SO-DIMM (Up to 64GB) |
| **Display Panel** | 12.1" TFT LCD (1024 x 768 resolution) |
| **Touchscreen** | Projected Capacitive (P-CAP) or 5-wire Resistive touch |
| **Expansion Slots** | 1 x PCIe x4 slot (Gen 3) or 1 x PCI slot |
---
### Connectivity and I/O Interface
The electronic board features a variety of industrial-grade connectors designed for rugged environments:
* **Ethernet:** 2 x Intel® GbE controllers (10/100/1000 Mbps) for redundant networking.
* **USB Ports:** 4 x USB 3.0 ports for high-speed data transfer.
* **Serial Communication:** 2 x RS-232/422/485 ports (BIOS selectable) for legacy PLC and sensor connections.
* **Video Output:** 1 x DP and 1 x HDMI for dual independent display setups.
* **Audio:** Realtek ALC888S High Definition Audio with internal speakers.
---
### Power and Environmental Protection
The electronics are engineered to withstand the fluctuations and noise common in factory floors.
1. **Power Input:** Wide-range 9~36V DC input with a lockable terminal block to prevent accidental disconnection.
2. **Thermal Management:** Features a fanless design (depending on CPU TDP) or optimized heat-pipe cooling to ensure stability under 100% CPU load.
3. **Circuit Protection:** Built-in Over-Voltage Protection (OVP) and Over-Current Protection (OCP).
4. **Ingress Protection:** The front panel is rated **IP65**, protecting the electronics from dust and water jets.
---
### Storage Options
The system supports multiple internal electronic storage interfaces:
* **2.5" SATA III Bay:** For high-capacity HDDs or SSDs.
* **M.2 Key M:** Supports NVMe SSDs for ultra-fast boot times and data logging.
- ⤷What are the power consumption requirements for the i7 configuration?
- ⤷ Does this model support Windows 11 and Linux distributions?
- ⤷ How do I configure the RS-232/422/485 settings in the BIOS?