データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PPC440SPE-RNB533C

  • AI
    The **PPC440SPE-RNB533C** is a high-performance, embedded System-on-Chip (SoC) designed by IBM (later produced by AMCC/AppliedMicro). It belongs to the PowerPC 440 family and is specifically optimized for high-throughput storage, networking, and RAID controller applications. --- ## 1. Core Architecture Specifications The heart of the chip is the PowerPC 440 superscalar core, designed for efficiency and high data throughput. | Feature | Specification | | :--- | :--- | | **Core Architecture** | Book E PowerPC 440 | | **Clock Speed** | 533 MHz | | **Instruction Cache** | 32 KB (64-way set associative) | | **Data Cache** | 32 KB (64-way set associative) | | **L2 Cache** | 256 KB (Integrated SRAM) | | **DMIPS** | ~1,066 DMIPS @ 533 MHz | --- ## 2. Integrated Peripheral Controllers What makes the "SPE" variant unique is its focus on **Storage Processing Enhancement**. It includes dedicated hardware to offload data movement and parity calculations from the main CPU. ### A. RAID 6 Acceleration Engine * **XOR Engine:** Accelerates RAID 5 calculations. * **GF (Galois Field) Engine:** Provides hardware acceleration for P+Q parity, essential for RAID 6. * **Function:** Reduces CPU utilization during heavy disk I/O operations. ### B. Memory Interface * **Type:** DDR2 SDRAM Controller (32/64-bit). * **Speed:** Up to 400 Mbps. * **ECC Support:** Includes Error Correction Code to ensure data integrity in enterprise environments. ### C. High-Speed Connectivity * **PCI-Express:** Integrated PCIe interfaces (typically 3 ports: one x8 and two x4). * **PCI-X:** Support for legacy 64-bit PCI-X 1.0/2.0 interfaces. * **Ethernet:** Dual Gigabit Ethernet (GbE) MACs with TCP/IP Offload support. --- ## 3. Electrical and Physical Characteristics The "RNB533C" suffix denotes specific packaging and thermal ratings. | Parameter | Details | | :--- | :--- | | **Package Type** | FC-PBGA (Flip-Chip Plastic Ball Grid Array) | | **Pin Count** | 680-ball | | **Voltage** | Core: ~1.5V / I/O: 1.8V, 2.5V, 3.3V | | **Process Technology** | 0.13 micron CMOS | --- ## 4. Typical Applications Due to its robust I/O and RAID acceleration, this chip is commonly found in: 1. **Enterprise NAS/SAN Controllers:** Managing high-speed disk arrays. 2. **External RAID Subsystems:** Handling hardware-level data redundancy. 3. **High-end Networking Switches:** Where localized processing of packets and storage is required. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the PPC440SPE and the standard PPC440GP?
    • ⤷ Does the PPC440SPE-RNB533C support hardware-based encryption?
    • ⤷ What is the maximum addressable memory for this specific SoC?