データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PPD-A7P3N-R

  • AI
    ## Technical Overview: PPD-A7P3N-R The **PPD-A7P3N-R** is a specific electronic component, typically categorized as an **Inductive Proximity Sensor** manufactured by **Panasonic** (formerly SUNX). These sensors are widely used in industrial automation to detect the presence of metallic objects without physical contact. --- ### 1. Key Technical Specifications The following table highlights the core electrical and mechanical characteristics of the PPD-A7P3N-R: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Inductive Proximity | | **Sensing Distance** | ~7.0 mm (Standard for A7 series) | | **Output Type** | PNP Open Collector | | **Output Operation** | Normally Open (NO) | | **Supply Voltage** | 12V to 24V DC | | **Current Consumption** | 15mA or less | | **Response Frequency** | 500 Hz | | **Protection Rating** | IP67 (Dust-tight and Water-resistant) | | **Body Material** | Robust plastic or brass (varies by sub-series) | --- ### 2. Functional Breakdown The internal electronic parts of the PPD-A7P3N-R work together to facilitate non-contact detection: #### A. The Oscillator Circuit The core of the device. It generates a high-frequency electromagnetic field that emanates from the sensing face. When a metal object enters this field, eddy currents are induced in the object, absorbing energy from the oscillator. #### B. The Trigger/Schmitt Circuit This circuit monitors the amplitude of the oscillations. When the amplitude drops below a predefined threshold (due to the presence of metal), the trigger circuit changes state to signal detection. #### C. PNP Output Stage As a **PNP** sensor, the "R" designation often refers to its specific wiring configuration or polarity. In a PNP setup, the sensor switches the positive side of the load. * **Wiring Logic:** When the target is detected, the output wire (typically black) connects to the positive voltage (V+). --- ### 3. Wiring Diagram (Conceptual) Inductive sensors like the PPD-A7P3N-R usually follow the standard three-wire color code: ```text Brown (+) ----> 12-24V DC Blue (-) ----> 0V / Ground Black (Out) --> Load (Connects to PLC Input or Relay) ``` --- ### 4. Common Applications * **Object Counting:** Counting metallic parts on a high-speed conveyor belt. * **Position Sensing:** Detecting the "home" position of a robotic arm or cylinder. * **Speed Monitoring:** Measuring the RPM of a rotating metal gear. * **Material Presence:** Ensuring a metal component is seated correctly in a jig before a process begins.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output types in this sensor series?
    • ⤷ How does the sensing distance change if the target is aluminum instead of iron?
    • ⤷ What are the mounting requirements to avoid interference from surrounding metal?