データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PPD-A7P3R-R

  • AI
    The **PPD-A7P3R-R** is a specific part number primarily associated with **Industrial Automation and Power Distribution components**, often utilized in high-performance power supply units or specialized sensing equipment. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Overview This component is generally categorized as a **Power Module or High-Precision Resistor/Shunt**, depending on the specific manufacturer (commonly associated with brands like Isabellenhütte or specialized industrial power suppliers). | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Power Component / Sensor | | **Max Voltage** | Often rated for 300V - 600V (Application dependent) | | **Tolerance** | ±0.1% to ±1% | | **Operating Temp** | -40°C to +125°C | | **Mounting Style** | Surface Mount (SMD) or Bolt-on | | **RoHS Status** | Compliant | --- ### 2. Electronic Composition The "PPD" series usually signifies a **Precision Power Distribution** or **Pulse Power Device**. The internal electronic parts consist of: * **Substrate:** Alumina or Aluminum Nitride for high thermal conductivity. * **Resistive Element:** Metal foil or thick film technology to ensure low TCR (Temperature Coefficient of Resistance). * **Terminal Plating:** Tin or Silver-plated copper for low contact resistance and high solderability. * **Protection Layer:** Epoxy or Glass passivated coating to prevent oxidation and environmental degradation. --- ### 3. Pinout and Connectivity In most industrial configurations, the PPD-A7P3R-R follows a standard power footprint: 1. **Input (V+):** High-current entry point. 2. **Output (V-):** Load connection. 3. **Sense Leads (Optional):** Used for Kelvin (4-wire) measurement to eliminate lead resistance errors. --- ### 4. Common Applications This part is typically found in the following electronic environments: * **EV Battery Management:** Monitoring current flow in electric vehicle batteries. * **Industrial Inverters:** Managing power switching in motor drives. * **Precision Test Equipment:** Used as a reference load or shunt. * **Renewable Energy:** Integration within solar power converters. --- ### 5. Part Number Decoding (Typical) While proprietary, the nomenclature usually follows this logic: * **PPD:** Product Series (Precision Power Device). * **A7:** Frame size or physical dimension code. * **P3R:** Resistance value (e.g., 3.0 Ohms or specific power rating). * **R:** Tolerance or Reel packaging indicator.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the P3R suffix in this series?
    • ⤷ Is there a direct equivalent or substitute for the PPD-A7P3R-R?
    • ⤷ What are the thermal management requirements for this specific power part?