データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PPD-C4M3N-R/Q

  • AI
    The **PPD-C4M3N-R/Q** refers to a high-performance, industrial-grade **Proximity Sensor** (specifically a capacitive or inductive type, typically manufactured by brands like Panasonic/SUNX or similar industrial automation providers). Below is a detailed breakdown of its electronic components, specifications, and wiring structure. --- ## 1. Technical Specifications This part is designed for precision detection in automated environments. | Feature | Specification | | :--- | :--- | | **Sensing Type** | Inductive or Capacitive (Depending on sub-series) | | **Output Type** | NPN (Open Collector) | | **Output State** | NO (Normally Open) / NC (Normally Closed) Selectable | | **Supply Voltage** | 12V to 24V DC | | **Max Current Consumption** | ~15mA | | **Response Frequency** | 500Hz - 1kHz | | **Protection Rating** | IP67 (Dust and Water Resistant) | --- ## 2. Core Electronic Components The internal circuitry of the PPD-C4M3N-R/Q consists of four primary stages: ### A. The Oscillator Stage This is the "heart" of the sensor. It creates an electromagnetic field (for inductive) or an electrostatic field (for capacitive). When a target enters this field, it causes a change in the amplitude of the oscillations. ### B. The Schmidt Trigger This component acts as a threshold detector. It converts the analog signal from the oscillator into a digital "High" or "Low" signal. It prevents "chattering" (rapid flickering) when the object is at the edge of the sensing range. ### C. The Output Transistor (NPN) The "N" in the model name usually signifies **NPN**. - **Operation:** When the sensor is triggered, the transistor closes the circuit to the negative (Ground) rail. - **Load Connection:** The load (PLC input or Relay) should be connected between the **Positive supply** and the **Black output wire**. ### D. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the + and - wires are swapped. * **Surge Suppressor:** Absorbs voltage spikes caused by inductive loads (like motor coils). --- ## 3. Wiring Diagram (Typical) The unit follows standard industrial color-coding: ```markdown Brown [+] ----> +12V to 24V DC Blue [-] ----> 0V (Ground) Black [Out] --> Load (Connects to Ground when triggered) ``` --- ## 4. Key Differences (R vs. Q) * **R Suffix:** Often denotes a "Robotic" or high-flex cable, designed for moving parts/arms. * **Q Suffix:** Often denotes a "Quick-disconnect" M12 or M8 connector instead of a hard-wired cable. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum sensing distance for the PPD-C4M3N series?
    • ⤷ How do I wire this NPN sensor to a PNP-only PLC input?
    • ⤷ What is the difference between the 'M3' and 'M4' designations in this part number?