データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PPD-C4P1R-R/Q

  • AI
    The **PPD-C4P1R-R/Q** refers to a high-performance, industrial-grade **Pressure Sensor/Switch**, typically manufactured by companies like **Azbil** (formerly Yamatake) or similar industrial automation providers. This device is designed for precision monitoring of gas or liquid pressure in vacuum or low-pressure environments. --- ### 1. Component Overview The device is an integrated electronic unit combining a pressure transducer, a digital processing unit, and output circuitry. It is frequently used in semiconductor manufacturing and cleanroom applications. | Feature | Specification Details | | :--- | :--- | | **Pressure Range** | Typically Vacuum to Low Pressure (e.g., 0 to -101.3 kPa) | | **Output Type** | 1 Control Output (Open Collector) + Analog Output (1-5V) | | **Power Supply** | 12 to 24V DC (±10%) | | **Response Time** | High speed, usually < 5ms | | **Display** | 3.5 or 4-digit LED/LCD status indicator | --- ### 2. Electronic Architecture The internal circuitry consists of four primary stages: 1. **Sensing Element:** A diffused silicon piezoresistive chip that converts physical pressure into a proportional millivolt electrical signal. 2. **Signal Conditioning:** An internal operational amplifier (Op-Amp) filters noise and scales the raw signal for the Analog-to-Digital Converter (ADC). 3. **Microcontroller (MCU):** Processes the digital values to manage the display, check against user-defined setpoints (hysteresis), and control the switching logic. 4. **Output Stage:** * **Transistor Switch:** An NPN or PNP open collector for discrete PLC triggering. * **Analog Buffer:** Provides a linearized voltage output (1-5V) for continuous monitoring. --- ### 3. Connection Pinout (Typical) The unit usually features a 4-pin or 5-pin M8/M12 connector or a direct cable lead. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +V | Positive Power Supply (12-24V DC) | | **Blue** | 0V / GND | Common Ground | | **Black** | OUT 1 | Digital Control Output (Switching) | | **White** | Analog | 1-5V Pressure Signal | --- ### 4. Key Application Use-Cases * **Pick-and-Place Machines:** Confirming vacuum suction of electronic components. * **Leak Testing:** Monitoring pressure decay in sealed chambers. * **Process Control:** Regulating gas flow in CVD or etching equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pressure range for the R/Q variant?
    • ⤷ How do you calibrate the zero-point on this electronic switch?
    • ⤷ Is the PPD-C4P1R-R/Q compatible with NPN or PNP logic controllers?