データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PPD-C7M3N-R/Q

  • AI
    The **PPD-C7M3N-R/Q** refers to a high-performance, industrial-grade **Touch Panel PC** or **HMI (Human Machine Interface)** component, typically associated with Pro-face (Schneider Electric) or compatible industrial automation series. These units are designed for rugged environments where precision control and visualization are required. --- ## 🛠️ Key Technical Specifications The internal electronic components are categorized by their function within the control system: | Feature | Specification Details | | :--- | :--- | | **Display Type** | TFT Color LCD (High-resolution) | | **Screen Size** | 7-inch Widescreen | | **Input Voltage** | 24V DC (Standard Industrial Power) | | **Touch Technology** | Analog Resistive (Multi-touch support in some variants) | | **Backlight** | White LED (Non-replaceable, long-life expectancy) | | **Interface Ports** | RS-232C, RS-422/485, Ethernet (RJ45), and USB 2.0 | --- ## 🧩 Internal Electronic Architecture The "parts" of this unit function together to bridge the gap between human input and machine execution: ### 1. The Processing Unit (CPU) At the heart of the PPD series is a RISC-based processor optimized for low power consumption and high thermal stability. Unlike consumer PCs, these chips are designed to operate 24/7 without active cooling fans. ### 2. Memory Components * **System Memory (RAM):** Used for running the HMI runtime engine. * **Flash Memory (ROM):** Stores the operating system and the user's graphical application project. It is non-volatile, meaning data is retained even during power loss. * **Backup Memory (SRAM):** Often battery-backed to save critical "Recipe" data or alarm logs during shutdowns. ### 3. Communication Circuitry The device includes specialized transceiver chips (such as those for **RS-485 isolation**) to protect the internal logic from high-voltage spikes commonly found on factory floors. The Ethernet controller supports industrial protocols like Modbus TCP/IP or EtherNet/IP. ### 4. Power Management System The internal PCB includes: * **DC-DC Converters:** To step down the 24V input to 5V or 3.3V for logic circuits. * **Optoisolators:** To prevent electrical noise from the input/output ports from damaging the main processor. --- ## ⚠️ Maintenance and Replacement Parts Since the PPD-C7M3N-R/Q is an integrated unit, specific internal electronic parts (like capacitors or ICs) are rarely sold separately. Instead, maintenance usually involves: 1. **Installation Gaskets:** Essential for maintaining the IP65/IP67 water-resistance rating. 2. **Power Connectors:** Specialized 3-pin or 5-pin terminal blocks. 3. **Backlight Drivers:** While LEDs last longer than CCFLs, the driver circuit is the most common failure point after years of use.
    ✨ Follow-up Questions
    • ⤷ What are the compatible software suites for programming this HMI unit?
    • ⤷ How do I troubleshoot a 'No Display' issue on the PPD-C7M3N series?
    • ⤷ Can the resistive touch overlay be replaced separately from the LCD?