データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PPD-D1P1R-R

  • AI
    The **PPD-D1P1R-R** is a specific model within the **PPD Series** of digital pressure sensors, typically manufactured by **Koganei**. These devices are used for precision monitoring of air pressure in pneumatic systems and automated machinery. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Pressure Range** | 0 to 1.0 MPa (Positive Pressure) | | **Output Type** | 1 Switch Output (NPN or PNP depending on sub-config) + Analog Voltage Output | | **Display** | 3-digit LED (typically red) | | **Power Supply** | 12 to 24V DC (±10%) | | **Current Consumption** | ≤ 40mA | | **Accuracy** | ±1% F.S. or less | | **Response Time** | ≤ 5ms | --- ### 2. Electronic Component Breakdown #### A. The Piezoresistive Sensor Element At the heart of the device is a silicon-based piezoresistive bridge. When air pressure is applied to the diaphragm, it changes the electrical resistance of the bridge. This minute change is then amplified by internal circuitry. #### B. The Integrated Circuit (IC) & Processing * **ADC (Analog-to-Digital Converter):** Converts the analog signals from the sensor element into digital data for the microprocessor. * **Microcontroller:** Handles the logic for the pressure thresholds (Hysteresis and Window Comparator modes) and drives the LED display. #### C. Output Ports 1. **Switch Output:** An open-collector transistor output used to trigger a PLC (Programmable Logic Controller) or a relay when a specific pressure set-point is reached. 2. **Analog Output:** Usually a 1-5V DC linear output proportional to the detected pressure, used for continuous monitoring by an external data logger. --- ### 3. Wiring Diagram (Standard Color Codes) The device typically uses a standard 4-wire configuration: ```yaml Brown: Power (+) 12-24V DC Blue: GND (0V) Black: Switch Output (Control Signal) White: Analog Output (1-5V DC) ``` --- ### 4. Key Features for Engineers * **Chattering Prevention:** The electronic logic allows for adjustable response times to prevent the output from flickering due to rapid, minute pressure fluctuations. * **Auto-Zero Adjustment:** Allows the user to reset the "zero point" electronically to account for atmospheric pressure changes or sensor drift. * **Key Lock Function:** Prevents accidental changes to the electronic set-points in an industrial environment.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the zero point on a PPD series sensor?
    • ⤷ What is the difference between NPN and PNP output models for this part?
    • ⤷ Can the analog output be converted to a 4-20mA signal?